công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Qxx25R5 bảng dữ liệu(PDF) 6 Page - Littelfuse

tên linh kiện Qxx25R5
Giải thích chi tiết về linh kiện  RoHS compliant
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Qxx25R5 bảng dữ liệu(HTML) 6 Page - Littelfuse

Back Button Qxx25R5 Datasheet HTML 2Page - Littelfuse Qxx25R5 Datasheet HTML 3Page - Littelfuse Qxx25R5 Datasheet HTML 4Page - Littelfuse Qxx25R5 Datasheet HTML 5Page - Littelfuse Qxx25R5 Datasheet HTML 6Page - Littelfuse Qxx25R5 Datasheet HTML 7Page - Littelfuse Qxx25R5 Datasheet HTML 8Page - Littelfuse Qxx25R5 Datasheet HTML 9Page - Littelfuse Qxx25R5 Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/30/16
Teccor® brand Thyristors
25 Amp Standard & Alternistor (High Commutation) Triacs
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Physical Specifications
Environmental Specifications
Test
Specifications and Conditions
High Temperature
Voltage Blocking
MIL-STD-750: Method 1040, Condition A
Rated V
RRM, 125°C, 1008 hours
Temperature Cycling
MIL-STD-750: Method 1051
-40°C to 125°C, 15-minute dwell,
100 cycles
Biased Temp &
Humidity
EIA/JEDEC: JESD22-A101
320VDC, 85°C, 85%RH, 1008 hours
High Temp. Storage
MIL-STD-750: Method 1031
150°C, 1008 hours
Low-Temp Storage
-40°C, 1008 hours
Resistance to
Solder Heat
MIL-STD-750: Method 2031
260°C, 10 seconds
Solderability
ANSI/J-STD-002, Category 3, Test A
Lead Bend
MIL-STD-750: Method 2036, Condition E
Terminal Finish
100% Matte Tin-plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Lead Material
Copper Alloy
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long way
toward extending the operating life of the Thyristor. Good
design practice should limit the maximum continuous
current through the main terminals to 75% of the device
rating. Other ways to ensure long life for a power discrete
semiconductor are proper heat sinking and selection of
voltage ratings for worst case conditions. Overheating,
overvoltage (including dv/dt), and surge currents are
the main killers of semiconductors. Correct mounting,
soldering, and forming of the leads also help protect
against component damage.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


Số phần tương tự - Qxx25R5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
QXX25R5TP LITTELFUSE-QXX25R5TP Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5TP LITTELFUSE-QXX25R5TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
More results

Mô tả tương tự - Qxx25R5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com