công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D0100 bảng dữ liệu(PDF) 1 Page - Littelfuse

tên linh kiện D0100
Giải thích chi tiết về linh kiện  Fits into wide range of Arc-Flash applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D0100 bảng dữ liệu(HTML) 1 Page - Littelfuse

  D0100 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Protection Relays & Controls
© 2013 Littelfuse Protection Relays & Controls
Installation Diagram
Description
The D0100/D0900 Arc-Flash relays provide a simple and cost-
effective solution for Arc-Flash monitoring. Two light sensors
can be connected directly to one relay, or optional junction
boxes allow up to 16 sensors per relay.
Light Sensors react to light and are available with 180º or 360º
detection area. Sensors are supplied with 5, 10 or 15 m of
cable and a mounting bracket. 1-2 sensors are recommended
per cubicle or drawer.
Specifications
Voltage Supply
D0100.0010: 48-220 Vdc
D0100.0020: 24 Vdc
D0900.0010: 220-250 Vac
D0900.0020: 220-250 Vac
D0900.0030: 110 Vac
Thyristor Output
250 Vac/Vdc, 8 A cont., 25 A. for 0.1s, min. load 50 mA
Sensitivity
Adjustable 2,000-24,000 lux
Number of Sensors
Max. 16 pcs. with 2 junction boxes
Response Time
Less than 1 ms
Power Consumption
D0100: 4.3 W; D0900: 3.5 W
Ambient Temperature –25°C to + 70°C
EMC
EN50081-1/2 and EN50082-1/2
Dimensions
H 90 mm (3.5”); W 105 mm (4.1”); D 75 mm (3.0”)
OrDering number
COntrOl pOwer
D0100.0010
48-220 Vdc
D0100.0020
24 Vdc
D0900.0010
220-250 Vac
Ordering Information
Features
beneFits
Compact module
Fits into wide range of Arc-Flash applications
Trip time <1 ms
Limits Arc-Flash damage and risk of injury
Two optical
sensor types
Point sensors with 180° or 360° detection area
depending on specific installation
Dual sensor input Single Arc-Flash relay can monitor 2 sensors or
junction boxes
Sensor expansion
option
Junction box allows for up to 16 sensors per Arc-Flash
relay (8 sensors/box)
Adjustable light
sensitivity
Allows for operation in bright environments and
maximum sensitivity in dark environments
Service mode
Allows for system test without tripping
Features & Benefits
aCCessOries
requirement
A0033.0010 Detector cable
2 x 0.25 mm w/screen. 100 m
Optional
A0200.0010 Light Sensor 180˚; 5 m cable
Required: At least 1 sensor
per cubicle or drawer
A0200.0020 Light Sensor 180˚; 10 m cable
A0200.0030 Light Sensor 180˚; 15 m cable
A0300.0010 Light Sensor 360˚; 5 m cable
A0300.0020 Light Sensor 360˚; 10 m cable
A0300.0030 Light Sensor 360˚; 15 m cable
D0400.0010 Junction Box.
For 8 sensors, without indication
Optional
D0500.0010 Junction Box.
For 8 sensors, with indication
Optional
D1100.0010 Diode Logic Unit
Optional
Littelfuse.com/d0900
D0100 series & D0900 series
Arc-Flash Relay
A0200 (180˚)/A0300 (360˚) Light Sensors
Line-of-sight light sensor detects an arc as small
as 3 kA within a 2-m half-sphere. Available in
180˚ or 360˚; 5, 10, or 15 m cable.
D0400/D0500 Junction Box for parallel connection
of more than 2 sensors for one relay. Designed
to connect up to 8 sensors, and is available with
and without indication. Max. 2 junction boxes
can be connected to one Arc-Flash relay.
Accessories
A
Place sensors in direct line
of sight to possible arc faults,
preferably pointing down from the ceiling.
Rev: 4-A-050213
arc-Flash monitoring


Số phần tương tự - D0100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
D01021 ETC2-D01021 Datasheet
94Kb / 1P
   Cable Stripper Number 4 - 28
logo
Newhaven Display Intern...
D0103MT-20-0110N NEWHAVEN-D0103MT-20-0110N Datasheet
812Kb / 5P
   Vacuum Fluorescent Display Specification
D0104MT-24-0503 NEWHAVEN-D0104MT-24-0503 Datasheet
800Kb / 5P
   Vacuum Fluorescent Display Specification
D0105MT-24-0504N NEWHAVEN-D0105MT-24-0504N Datasheet
164Kb / 5P
   Vacuum Fluorescent Display Specification
D0106LT-33-0604N NEWHAVEN-D0106LT-33-0604N Datasheet
196Kb / 6P
   Vacuum Fluorescent Display Specification
More results

Mô tả tương tự - D0100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
D0920 LITTELFUSE-D0920 Datasheet
285Kb / 1P
   Arc-Flash Monitoring
2016 Rev: 4-C-071316
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
Schneider Electric
ATV630C31N4MN SCHNEIDER-ATV630C31N4MN Datasheet
210Kb / 4P
   HAZARD OF ELECTRIC SHOCK, EXPLOSION, OR ARC FLASH
07/2017
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
logo
SanRex Corporation
TMG8C60F SANREX-TMG8C60F Datasheet
116Kb / 2P
   Isolated Mold Triac Suitable for wide range of Applications
logo
Lite-On Technology Corp...
LTR-5576D LITEON-LTR-5576D Datasheet
154Kb / 4P
   WIDE RANGE OF COLLECTOR CURRENT
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
   Wide range of supply voltages
REV No:01-060817
logo
Lite-On Technology Corp...
LTR-301 LITEON-LTR-301 Datasheet
88Kb / 3P
   WIDE RANGE OF COLLECTOR CURRENT
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
   Wide range of supply voltages
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com