công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM27C256-120 bảng dữ liệu(PDF) 10 Page - Advanced Micro Devices

tên linh kiện AM27C256-120
Giải thích chi tiết về linh kiện  256 Kilobit (32,768 x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C256-120 bảng dữ liệu(HTML) 10 Page - Advanced Micro Devices

Back Button AM27C256-120 Datasheet HTML 4Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 5Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 6Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 7Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 8Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 9Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 10Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 11Page - Advanced Micro Devices AM27C256-120 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AMD
2-41
Am27C256
CAPACITANCE
Parameter
Parameter
Test
Symbol
Description
Conditions
Typ
Max
Typ
Max
Typ
Max
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
8
12
8
12
6
10
10
12
pF
COUT
Output Capacitance
VOUT = 0
8
12
8
12
8
10
12
14
pF
Notes:
1. This parameter is only sampled and not 100% tested.
2. TA = +25
°C, f = 1 MHz.
CDV028
PL 032
PD 028
TS 032
SWITCHING CHARACTERISTICS over operating range unless otherwise specified
(Notes 1, 3 and 4)
Parameter
Test
JEDEC
Standard
Description
Conditions
-55
-70
-90
-120
-150
-200
-255
Unit
tAVQV
tACC
Address to
CE = OE = Min
Output Delay
VIL
Max
55
70
90
120
150
200
250
ns
tELQV
tCE
Chip Enable to
OE = VIL
Min
Output Delay
Max
55
70
90
120
150
200
250
ns
tGLQV
tOE
Output Enable to
CE = VIL
Min
Output Delay
Max
35
40
40
50
50
50
50
ns
tEHQZ,
tDF
Min
tGHQZ
(Note 2)
Max
25
25
25
30
30
30
30
ns
tAXQX
tOH
Min
0
0
0
0
0
0
0
Max
ns
Parameter
Symbols
Am27C256
Notes:
1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. This parameter is only sampled and not 100% tested.
3. Caution: The Am27C256 must not be removed from (or inserted into) a socket or board when VPP or VCC is applied.
4. For the -55 and -70:
Output Load: 1 TTL gate and CL = 30 pF
Input Rise and Fall Times: 20 ns
Input Pulse Levels: 0 V to 3 V
Timing Measurement Reference Level: 1.5 V for inputs and outputs
For all other versions:
Output Load: 1 TTL gate and CL = 100 pF
Input Rise and Fall Times: 20 ns
Input Pulse Levels: 0.45 V to 2.4 V
Timing Measurement Reference Level: 0.8 V and 2 V inputs and outputs
Chip Enable HIGH or
Output Enable HIGH,
whichever comes
first, to Output Float
Output Hold from
Addresses,
CE,
or
OE, whichever
occurred first


Số phần tương tự - AM27C256-120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AM27C256-120DC AMD-AM27C256-120DC Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-120DCB AMD-AM27C256-120DCB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-120DE AMD-AM27C256-120DE Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-120DEB AMD-AM27C256-120DEB Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27C256-120DI AMD-AM27C256-120DI Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
More results

Mô tả tương tự - AM27C256-120

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com