công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS809 bảng dữ liệu(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS809
Giải thích chi tiết về linh kiện  12-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS809 bảng dữ liệu(HTML) 4 Page - Burr-Brown (TI)

  ADS809 Datasheet HTML 1Page - Burr-Brown (TI) ADS809 Datasheet HTML 2Page - Burr-Brown (TI) ADS809 Datasheet HTML 3Page - Burr-Brown (TI) ADS809 Datasheet HTML 4Page - Burr-Brown (TI) ADS809 Datasheet HTML 5Page - Burr-Brown (TI) ADS809 Datasheet HTML 6Page - Burr-Brown (TI) ADS809 Datasheet HTML 7Page - Burr-Brown (TI) ADS809 Datasheet HTML 8Page - Burr-Brown (TI) ADS809 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADS809
4
SBAS170C
www.ti.com
26
VDRV
Output Bit Driver Voltage Supply
27
GND
Ground
28
I
OE
Output Enable: HI = High Impedance;
LO or Floating: Normal Operation
29
I
PD
Power Down: HI = Power Down; LO = Normal
30
I
BTC
HI = Binary Two’s Complement;
LO = Straight Binary
31
GND
Ground
32
SEL2
Reference Select 2: See Table on Page 5
33
SEL1
Reference Select 1: See Table on Page 5
34
VREF
Internal Reference Voltage
35
GND
Ground
36
GND
Ground
37
GND
Ground
38
GND
Ground
39
REFB
Bottom Reference Voltage Bypass
40
CM
Common-Mode Voltage (midscale)
41
REFT
Top Reference Voltage Bypass
42
GND
Ground
43
GND
Ground
44
I
IN
Complementary Analog Input
45
GND
Ground
46
I
IN
Analog Input
47
+VS
Supply Voltage
48
+VS
Supply Voltage
1
BYP
Bypass Point
2+VS
Supply Voltage
3+VS
Supply Voltage
4+VS
Supply Voltage
5
GND
Ground
6
I
CLK
Clock Input
7I
CLK
Complementary Clock Input
8
GND
Ground
9
GND
Ground
10
O
OVR
Over-Range Indicator
11
O
DV
Data Valid Pulse: HI = Data Valid
12
NC
No Connection
13
NC
No Connection
14
O
D11
Data Bit 11, (MSB)
15
O
D10
Data Bit 10
16
O
D9
Data Bit 9
17
O
D8
Data Bit 8
18
O
D7
Data Bit 7
19
O
D6
Data Bit 6
20
O
D5
Data Bit 5
21
O
D4
Data Bit 4
22
O
D3
Data Bit 3
23
O
D2
Data Bit 2
24
O
D1
Data Bit 1
25
O
D0
Data Bit 0, (LSB)
36
35
34
33
32
31
30
29
28
27
26
25
GND
GND
V
REF
SEL1
SEL2
GND
BTC
PD
OE
GND
VDRV
D0 (LSB)
1
2
3
4
5
6
7
8
9
10
11
12
BYP
+V
S
+V
S
+V
S
GND
CLK
CLK
GND
GND
OVR
DV
NC
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
ADS809Y
NC = No Connection
PIN
I/O
DESIGNATOR
DESCRIPTION
PIN
I/O
DESIGNATOR
DESCRIPTION
PIN DESCRIPTIONS
PIN DIAGRAM
Top View
TQFP


Số phần tương tự - ADS809

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS800E BURR-BROWN-ADS800E Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800E TI1-ADS800E Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS800E/1K BURR-BROWN-ADS800E/1K Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS809

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
   8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com