công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS808 bảng dữ liệu(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS808
Giải thích chi tiết về linh kiện  12-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS808 bảng dữ liệu(HTML) 3 Page - Burr-Brown (TI)

  ADS808 Datasheet HTML 1Page - Burr-Brown (TI) ADS808 Datasheet HTML 2Page - Burr-Brown (TI) ADS808 Datasheet HTML 3Page - Burr-Brown (TI) ADS808 Datasheet HTML 4Page - Burr-Brown (TI) ADS808 Datasheet HTML 5Page - Burr-Brown (TI) ADS808 Datasheet HTML 6Page - Burr-Brown (TI) ADS808 Datasheet HTML 7Page - Burr-Brown (TI) ADS808 Datasheet HTML 8Page - Burr-Brown (TI) ADS808 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ADS808
3
SBAS179C
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, differential input range = 1V to 2V, sampling rate = 70MHz, VS = +5V, and internal reference, unless otherwise noted.
ADS808Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
+3V/+5V Compatible CMOS
Straight Offset Binary
DIGITAL OUTPUTS
Logic Family
Logic Coding
Low Output Voltage (IOL = 50µA to 1.6mA)
VDRV = 3V
+0.2
V
High Output Voltage, (IOH = 50µA to 0.5mA)
+2.5
V
Low Output Voltage, (IOL = 50µA to 1.6mA)
VDRV = 5V
+0.2
V
High Output Voltage, (IOH = 50µA to 1.6mA)
+2.5
V
3-State Enable Time
OE = LOW
20
40
ns
3-State Disable Time
OE = HIGH
2
10
ns
Output Capacitance
5pF
ACCURACY (Internal Reference, = 2V, Unless Otherwise Noted)
Zero Error (Midscale)
at 25
°C
0.5
%FS
Zero Error Drift (Midscale)
12
ppm/
°C
Gain Error(4)
at 25
°C
±1.5
%FS
Gain Error Drift(4)
38
ppm/
°C
Gain Error(5)
at 25
°C
±0.75
%FS
Gain Error Drift(5)
20
ppm/
°C
Power-Supply Rejection of Gain
∆V
S = ±5%
68
dB
Internal REF Tolerance (VREFP – VREFN)
Deviation from Ideal
±10
±40
mV
Reference Input Resistance
660
POWER-SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+4.75
+5.0
+5.25
V
Supply Current: +IS
Operating
142
mA
Output Driver Supply Current (VDRV)
10
mA
Power Dissipation: VDRV = 5V
Internal Reference
740
mW
VDRV = 3V
Internal Reference
720
770
mW
VDRV = 5V
External Reference
720
mW
VDRV = 3V
External Reference
700
mW
Power Down
Operating
20
mW
Thermal Resistance,
θ
JA
TQFP-48
28.8
°C/W
NOTES: (1) Spurious-Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to Full-Scale. (3) A 50k
Ω pull-down
resistor is inserted internally. (4) Includes internal reference. (5) Excludes internal reference.


Số phần tương tự - ADS808

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS808 TI1-ADS808 Datasheet
820Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS808Y/250 TI1-ADS808Y/250 Datasheet
820Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS808Y/250G4 TI1-ADS808Y/250G4 Datasheet
820Kb / 24P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS808

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS824 BURR-BROWN-ADS824 Datasheet
185Kb / 12P
   10-Bit, 70MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com