công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS119 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện ADS119
Giải thích chi tiết về linh kiện  12-Bit, 10MHz, Low-Power Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ADS119 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

  ADS119 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
®
®
ADS-119
6
Figure 6. ADS-119 Grounded Input Histogram
Figure 7. ADS-119 FFT Analysis
This histogram represents the typical peak-to-peak noise
(including quantization noise) associated with the ADS-119.
4,096 conversions were processed with the input to the
ADS-119 tied to analog ground.
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and
specified over operating temperature (case) ranges of 0 to
+70°C and –55 to +125°C. All room-temperature (TA = +25°C)
production testing is performed without the use of heat sinks or
forced-air cooling. Thermal impedance figures for each device
are listed in their respective specification tables.
These devices do not normally require heat sinks, however,
standard precautionary design and layout procedures should
be used to ensure devices do not overheat. The ground and
power planes beneath the package, as well as all pcb signal
runs to and from the device, should be as heavy as possible to
help conduct heat away from the package. Electrically-
insulating, thermally-conductive "pads" may be installed
underneath the package. Devices should be soldered to
boards rather than "socketed", and of course, minimal air flow
over the surface can greatly help reduce the package
temperature.
In more severe ambient conditions, the package/junction
temperature of a given device can be reduced dramatically
(typically 35%) by using one of DATEL's HS Series heat sinks.
See Ordering Information for the assigned part number. See
page 1-183 of the DATEL Data Acquisition Components
Catalog for more information on the HS Series. Request
DATEL Application Note AN-8, "Heat Sinks for DIP Data
Converters", or contact DATEL directly, for additional
information.
3000
2500
2000
1500
1000
500
0
Digital Output Code
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Frequency (MHz)
(fs = 10MHz, fin = 4.9MHz, Vin = –0.5dB, 4,096-point FFT)


Số phần tương tự - ADS119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1191 TI1-ADS1191 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 61P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Mô tả tương tự - ADS119

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADS-119 MURATA-PS-ADS-119 Datasheet
136Kb / 8P
   12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
   12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
   12-Bit, 2MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com