công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE8000EM8X bảng dữ liệu(PDF) 11 Page - Fairchild Semiconductor

tên linh kiện ACE8000EM8X
Giải thích chi tiết về linh kiện  ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE8000EM8X bảng dữ liệu(HTML) 11 Page - Fairchild Semiconductor

Back Button ACE8000EM8X Datasheet HTML 7Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 8Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 9Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 10Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 11Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 12Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 13Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 14Page - Fairchild Semiconductor ACE8000EM8X Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
www.fairchildsemi.com
ACE8001 Product Family Rev. B.2
4.0 Arithmetic Controller Core
The ACEx microcontroller core is specifically designed for low
cost applications involving bit manipulation, shifting and arith-
metic operations. It is based on a modified Harvard architecture
meaning peripheral, I/O, and RAM locations are addressed sep-
arately from instruction data.
The core differs from the traditional Harvard architecture by
aligning the data and instruction memory sequentially. This
allows the X-pointer (11-bits) to point to any memory location in
either segment of the memory map. This modification improves
the overall code efficiency of the core and takes advantage of
the flexibility found on Von Neumann style machines.
4.1 CPU Registers
The ACEx microcontroller has five general-purpose registers.
These registers are the Accumulator (A), X-Pointer (X), Pro-
gram Counter (PC), Stack Pointer (SP), and Status Register
(SR). The X, SP, and SR registers are all memory-mapped.
Figure 11: Programming Model
8-bit accumulator register
11-bit X pointer register
10-bit program counter
4-bit stack pointer
8-bit status register
NEGATIVE flag
HALF CARRY flag (from bit 3)
CARRY flag (from MSB)
ZERO flag
GLOBAL Interrupt Mask
READY flag (from EEPROM)
A
X
PC
SP
SR
0
0
0
0
N
H
C
Z
G
0
0
R
7
10
9
3


Số phần tương tự - ACE8000EM8X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809 ACE-ACE809 Datasheet
308Kb / 5P
   3-Pin Microprocessor Reset Circuits
VER 1.3
ACE809JBM+H ACE-ACE809JBM+H Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
More results

Mô tả tương tự - ACE8000EM8X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com