công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA054X104M2GALTU bảng dữ liệu(PDF) 2 Page - Kemet Corporation |
|
CA054X104M2GALTU bảng dữ liệu(HTML) 2 Page - Kemet Corporation |
2 / 18 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1016_C0G_ARRAY_SMD • 10/14/2016 22 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) Capacitor Array, C0G Dielectric, 10 – 200 VDC, (Commercial & Automotive Grade) Packaging C-Spec Ordering Options Table Packaging Type Packaging/Grade Ordering Code (C-Spec) Commercial Grade1 Bulk Bag Not Required (Blank) 7" Reel/Unmarked TU 13" Reel (Embossed Plastic Tape)/Unmarked 7210 Automotive Grade2 7" Reel AUTO 13" Reel/Embossed Plastic/Unmarked AUTO7210 1 Default packaging is "Bulk Bag". An ordering code C-Spec is not required for "Bulk Bag" packaging. 1 The terms "Marked" and "Unmarked" pertain to laser marking option of capacitors. All packaging options labeled as "Unmarked" will contain capacitors that have not been laser marked. The option to laser mark is not available on these devices. For more information see "Capacitor Marking". 2 Reeling tape options (Paper or Plastic) are dependent on capacitor case size (L" x W") and thickness dimension. See "Chip Thickness/Tape & Reel Packaging Quantities" and "Tape & Reel Packaging Information". 2 For additional Information regarding "AUTO" C-Spec options, see "Automotive C-Spec Information". 2 All Automotive packaging C-Specs listed exclude the option to laser mark components. The option to laser mark is not available on these devices. For more information see "Capacitor Marking". Benefits • −55°C to +125°C operating temperature range • Superior flex performance (up to 5 mm) • Saves both circuit board and inventory space • Reduces placement costs and increases throughput • Lead (Pb)-free, RoHS and REACH compliant • EIA 0508 (2-element) and 0612 (4-element) case sizes • DC voltage ratings of 10 V, 16 V, 25 V, 50 V, 100 V, and 200 V • Capacitance offerings ranging from 10 pF to 2,200 pF • Available capacitance tolerances of ±5%, ±10%, and ±20% • Non-polar device, minimizing installation concerns • 100% pure matte tin-plated termination finish allowing for excellent solderability • SnPb termination finish option available upon request (5% Pb minimum) • Commercial and Automotive (AEC–Q200) grades available Applications Typical applications include those that can benefit from board area savings, cost savings and overall volumetric reduction such as telecommunications, computers, handheld devices and automotive. Flexible termination technology benefits applications subject to high levels of board flexure or temperature cycling. |
Số phần tương tự - CA054X104M2GALTU |
|
Mô tả tương tự - CA054X104M2GALTU |