công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA052X104M8GACTU bảng dữ liệu(PDF) 1 Page - Kemet Corporation

tên linh kiện CA052X104M8GACTU
Giải thích chi tiết về linh kiện  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

CA052X104M8GACTU bảng dữ liệu(HTML) 1 Page - Kemet Corporation

  CA052X104M8GACTU Datasheet HTML 1Page - Kemet Corporation CA052X104M8GACTU Datasheet HTML 2Page - Kemet Corporation CA052X104M8GACTU Datasheet HTML 3Page - Kemet Corporation CA052X104M8GACTU Datasheet HTML 4Page - Kemet Corporation CA052X104M8GACTU Datasheet HTML 5Page - Kemet Corporation CA052X104M8GACTU Datasheet HTML 6Page - Kemet Corporation CA052X104M8GACTU Datasheet HTML 7Page - Kemet Corporation CA052X104M8GACTU Datasheet HTML 8Page - Kemet Corporation CA052X104M8GACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1016_C0G_ARRAY_SMD • 10/14/2016
1
One world. One KEMET
Overview
KEMET’s Ceramic Chip Capacitor Array in C0G dielectric is
an advanced passive technology where multiple capacitor
elements are integrated into one common monolithic
structure. Array technology promotes reduced placement
costs and increased throughput. This is achieved by
alternatively placing one device rather than two or four
discrete devices. Use of capacitor arrays also saves board
space which translates into increased board density and
more functions per board. Arrays consume only a portion
of the space required for standard chips resulting in
savings in inventory and pick/place machine positions.
For added reliability, KEMET's Flexible Termination
technology has been incorporated in order to provides
superior flex performance. This technology was developed
to address flex cracks, which are the primary failure mode
of MLCCs and typically the result of excessive tensile
and shear stresses produced during board flexure and
thermal cycling. Flexible Termination technology inhibits
the transfer of board stress to the rigid body of the MLCC,
therefore mitigating flex cracks which can result in low IR
or short circuit failures.
KEMET’s C0G dielectric features a 125°C maximum
operating temperature and is considered “stable. "The
Electronics Industries Alliance (EIA) characterizes C0G
dielectric as a Class I material. Components of this
classification are temperature compensating and are suited
for resonant circuit applications or those where Q and
stability of capacitance characteristics are required. C0G
exhibits no change in capacitance with respect to time and
voltage and boasts a negligible change in capacitance with
reference to ambient temperature. Capacitance change is
limited to ±30 ppm/ºC from −55°C to +125°C.
KEMET automotive grade array capacitors meet the
demanding Automotive Electronics Council's AEC-Q200
qualification requirements.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Capacitor Array, C0G Dielectric, 10 – 200 VDC
(Commercial & Automotive Grade)
Ordering Information
CA
06
4
X
104
K
4
G
A
C
TU
Ceramic
Array
Case Size
(L" x W")1
Number of
Capacitors
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated
Voltage
(VDC)
Dielectric
Failure
Rate/
Design
Termination Finish2
Packaging/
Grade (C-Spec)
05 = 0508
06 = 0612
2 = 2
4 = 4
X = Flexible
Termination
Two
significant
digits +
number of
zeros
J = ±5%
K = ±10%
M = ±20%
8 = 10
4 = 16
3 = 25
5 = 50
1 = 100
2 = 200
G = C0G
A = N/A C = 100% Matte Sn
L = SnPb
(5% minimum Pb
content)
See
"Packaging
C-Spec
Ordering
Options Table"
below
1
All previous reference to metric case dimension "1632" has been replaced with an inch standard reference of "0612". Please reference all new designs
using the "0612" nomenclature. "CA064" replaces "C1632" in the ordering code.
2
Additional termination finish options may be available. Contact KEMET for details.
2
SnPb termination finish option is not available on automotive grade product.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Số phần tương tự - CA052X104M8GACTU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
CA052X104M8RACTU KEMET-CA052X104M8RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA052X104M8RALTU KEMET-CA052X104M8RALTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
More results

Mô tả tương tự - CA052X104M8GACTU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com