công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA064X104K8GACTU bảng dữ liệu(PDF) 4 Page - Kemet Corporation

tên linh kiện CA064X104K8GACTU
Giải thích chi tiết về linh kiện  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

CA064X104K8GACTU bảng dữ liệu(HTML) 4 Page - Kemet Corporation

  CA064X104K8GACTU Datasheet HTML 1Page - Kemet Corporation CA064X104K8GACTU Datasheet HTML 2Page - Kemet Corporation CA064X104K8GACTU Datasheet HTML 3Page - Kemet Corporation CA064X104K8GACTU Datasheet HTML 4Page - Kemet Corporation CA064X104K8GACTU Datasheet HTML 5Page - Kemet Corporation CA064X104K8GACTU Datasheet HTML 6Page - Kemet Corporation CA064X104K8GACTU Datasheet HTML 7Page - Kemet Corporation CA064X104K8GACTU Datasheet HTML 8Page - Kemet Corporation CA064X104K8GACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1016_C0G_ARRAY_SMD • 10/14/2016
44
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Capacitor Array, C0G Dielectric, 10 – 200 VDC, (Commercial & Automotive Grade)
Dimensions – Millimeters (Inches)
Top View
0612 (4-CAP)
W
BW
P
P Ref
CL
L
BL
T
Profile View
Top View
0508 (2-CAP)
W
BW
P
P
Ref
CL
L
BL
T
Profile View
EIA Size
Code
Metric Size
Code
L
Length
W
Width
BW
Bandwidth
BL
Bandlength
T
Thickness
P
Pitch
P
Reference
0508
1220
1.30 (0.051)
±0.15 (0.006)
2.10 (0.083)
±0.15 (0.006)
0.53 (0.021)
±0.08 (0.003)
0.30 (0.012)
±0.20 (0.008) See Table 2 for
Thickness
1.00 (0.039)
±0.10 (0.004)
0.50 (0.020)
±0.10 (0.004)
0612
1632
1.60 (0.063)
±0.20 (0.008)
3.20 (0.126)
±0.20 (0.008)
0.40 (0.016)
±0.20 (0.008)
0.30 (0.012)
±0.20 (0.008)
0.80 (0.031)
±0.10 (0.004)
0.40 (0.016)
±0.05 (0.002)
Qualification/Certification
Commercial Grade products are subject to internal qualification. Details regarding test methods and conditions are
referenced in Table 4, Performance & Reliability.
Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details
regarding test methods and conditions are referenced in document AEC–Q200, Stress Test Qualification for Passive
Components. For additional information regarding the Automotive Electronics Council and AEC–Q200, please visit their
website at www.aecouncil.com.
Environmental Compliance
Lead (Pb)-free, RoHS, and REACH compliant without exemptions (excluding SnPb termination finish option).


Số phần tương tự - CA064X104K8GACTU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
CA064X104K8RACTU KEMET-CA064X104K8RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064X104K8RALTU KEMET-CA064X104K8RALTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
More results

Mô tả tương tự - CA064X104K8GACTU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com