công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M0516LDN bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện M0516LDN
Giải thích chi tiết về linh kiện  32-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

M0516LDN bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button M0516LDN Datasheet HTML 6Page - List of Unclassifed Manufacturers M0516LDN Datasheet HTML 7Page - List of Unclassifed Manufacturers M0516LDN Datasheet HTML 8Page - List of Unclassifed Manufacturers M0516LDN Datasheet HTML 9Page - List of Unclassifed Manufacturers M0516LDN Datasheet HTML 10Page - List of Unclassifed Manufacturers M0516LDN Datasheet HTML 11Page - List of Unclassifed Manufacturers M0516LDN Datasheet HTML 12Page - List of Unclassifed Manufacturers M0516LDN Datasheet HTML 13Page - List of Unclassifed Manufacturers M0516LDN Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
M051 DN/DE
Oct. 05, 2015
Page 10 of 86
Rev 1.03
I
2C
Up to two sets of I
2C modules
Supports Master/Slave mode
Bidirectional data transfer between master and slave
Multi-master bus (no central master)
Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus
Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer
Programmable clocks allow versatile rate control
Supports multiple address recognition (four slave addresses with mask option)
ADC
12-bit SAR ADC
Up to 8-ch single-ended input or 4-ch differential input
Supports Single mode/Burst mode/Single-cycle Scan mode/Continuous Scan mode
Su
pports 2’ complement/un-signed format in differential mode conversion results
Each channel with an individual result register
Supports conversion value monitoring (or comparison) for threshold voltage detection
Conversion started either by software trigger or external pin trigger
A/D conversion started by PWM center-aligned trigger or edge-aligned trigger
PWM trigger delay function
Supports conversion result with signed format in Differential input and Burst mode
Analog Comparator
Up to four sets of Comparator analog modules
External input or internal band-gap voltage selectable at negative node
Interrupt when compared results change
Power-down wake-up
EBI (External Bus Interface) for external memory-mapped device access
Accessible space: 64 KB in 8-bit mode or 128 KB in 16-bit mode
Supports 8-bit or 16-bit data width
Supports byte-write in 16-bit data width
ISP (In-System Programming) and ICP (In-Circuit Programming)
IAP (In-Application Programming)
One built-in temperature sensor with 1℃ resolution
BOD (Brown-out Detector)
With 4 levels: 4.4V/3.7V/2.7V/2.2V
Supports Brown-out interrupt and reset option
96-bit unique ID
LVR (Low Voltage Reset)
Threshold voltage level: 2.0V
Operating Temperature:


Số phần tương tự - M0516LDN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nuvoton Technology Corp...
M0516LDN NUVOTON-M0516LDN Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
M0516LDN NUVOTON-M0516LDN Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Mô tả tương tự - M0516LDN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com