công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M058LDN bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện M058LDN
Giải thích chi tiết về linh kiện  32-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

M058LDN bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button M058LDN Datasheet HTML 4Page - List of Unclassifed Manufacturers M058LDN Datasheet HTML 5Page - List of Unclassifed Manufacturers M058LDN Datasheet HTML 6Page - List of Unclassifed Manufacturers M058LDN Datasheet HTML 7Page - List of Unclassifed Manufacturers M058LDN Datasheet HTML 8Page - List of Unclassifed Manufacturers M058LDN Datasheet HTML 9Page - List of Unclassifed Manufacturers M058LDN Datasheet HTML 10Page - List of Unclassifed Manufacturers M058LDN Datasheet HTML 11Page - List of Unclassifed Manufacturers M058LDN Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
M051 DN/DE
Oct. 05, 2015
Page 8 of 86
Rev 1.03
2
FEATURES
Core
ARM® Cortex
® -M0 core running up to 50 MHz
One 24-bit system timer
Supports Low Power Sleep mode
A single-cycle 32-bit hardware multiplier
NVIC for the 32 interrupt inputs, each with 4-levels of priority
Supports Serial Wire Debug (SWD) interface and two watchpoints/four breakpoints
Provides hardware divider and supports signed 32-bit dividend, 16-bit divisor operation
Wide Operating Voltage Range: 2.5V to 5.5V
Memory
8KB/16KB/32KB/64KB Flash for program memory (APROM)
4KB Flash for data memory (Data Flash)
4KB Flash for loader (LDROM)
4KB SRAM for internal scratch-pad RAM (SRAM)
Clock Control
Programmable system clock source
22.1184 MHz internal oscillator
4~24 MHz external crystal input
10 kHz low-power oscillator for Watchdog Timer and wake-up in Sleep mode
PLL allows CPU operation up to the maximum 50 MHz
I/O Port
Up to 40 general-purpose I/O (GPIO) pins for LQFP-48 package
Four I/O modes:
Quasi-bidirectional
Push-Pull output
Open-Drain output
Input only with high impendence
TTL/Schmitt trigger input selectable
I/O pin can be configured as interrupt source with edge/level setting
Supports high driver and high sink I/O mode
Configurable I/O mode after POR
Timer
Provides four channel 32-bit timers; one 8-bit pre-scale counter with 24-bit up-timer for
each timer
Independent clock source for each timer
24-bit timer value is readable through TDR (Timer Data Register)
Provides One-shot, Periodic and Toggle operation modes
Provides event counter function
Provides external capture/reset counter function
Two more timer clock sources from external trigger and internal 10 kHz
TIMER wake-up function
External capture input source selected from ACMP or TxEX
Toggle mode output pins selected from TxEX or TMx
Inter-Timer trigger mode
WDT (Watchdog Timer)


Số phần tương tự - M058LDN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nuvoton Technology Corp...
M058LDN NUVOTON-M058LDN Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
M058LDN NUVOTON-M058LDN Datasheet
1Mb / 86P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Mô tả tương tự - M058LDN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com