công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M058S bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện M058S
Giải thích chi tiết về linh kiện  32-bit Microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

M058S bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button M058S Datasheet HTML 5Page - List of Unclassifed Manufacturers M058S Datasheet HTML 6Page - List of Unclassifed Manufacturers M058S Datasheet HTML 7Page - List of Unclassifed Manufacturers M058S Datasheet HTML 8Page - List of Unclassifed Manufacturers M058S Datasheet HTML 9Page - List of Unclassifed Manufacturers M058S Datasheet HTML 10Page - List of Unclassifed Manufacturers M058S Datasheet HTML 11Page - List of Unclassifed Manufacturers M058S Datasheet HTML 12Page - List of Unclassifed Manufacturers M058S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
NuMicro M058S Series Datasheet
Nov. 27, 2014
Page 9 of 72
Rev.1.03
Multiple clock sources
Supports wake-up from Power-down or Sleep mode
Interrupt or reset selectable on watchdog time-out
Time-out reset delay period time can be selected
WWDT (Window Watchdog Timer)
6-bit down counter with 11-bit prescale for wide range window selected
PWM
Up to two built-in 16-bit PWM generators, providing four PWM outputs or two
complementary paired PWM outputs
Individual clock source, clock divider, 8-bit pre-scalar and dead-zone generator for
each PWM generator
PWM interrupt synchronized to PWM period
16-bit digital Capture timers (shared with PWM timers) with rising/falling capture inputs
Supports capture interrupt
Additional functions
Internal 10 kHz to PWM clock source
Polar inverse function
Center-aligned type function
Timer duty interrupt enable function
Two kinds of PWM interrupt period/duty type selection
Period/duty trigger ADC function
UART
Programmable baud-rate generator
Buffered receiver and transmitter, each with 16 bytes FIFO
Optional flow control function (CTS and RTS)
Supports IrDA(SIR) function
Supports RS485 function
Supports LIN function
SPI
Supports Master/Slave mode
Full-duplex synchronous serial data transfer
Provides 3 wire function
Variable length of transfer data from 8 to 32 bits
MSB or LSB first data transfer
Supports Byte Suspend mode in 32-bit transmission
Additional functions
 PLL clock source
 4-level depth FIFO buffer for better performance and flexibility in SPI Burst
Transfer mode
I
2C
Up to two sets of I2C device
Supports master/slave mode
Bidirectional data transfer between master and slave
Multi-master bus (no central master).
Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus
Serial clock synchronization allows devices with different bit rates to communicate via


Số phần tương tự - M058S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nuvoton Technology Corp...
M058S NUVOTON-M058S Datasheet
2Mb / 72P
   ARM Cortex짰-M0 32-bit Microcontroller
logo
List of Unclassifed Man...
M058SFAN ETC2-M058SFAN Datasheet
2Mb / 72P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M058SFAN NUVOTON-M058SFAN Datasheet
2Mb / 72P
   ARM Cortex짰-M0 32-bit Microcontroller
M058SFN NUVOTON-M058SFN Datasheet
2Mb / 72P
   ARM Cortex짰-M0 32-bit Microcontroller
logo
List of Unclassifed Man...
M058SLAN ETC2-M058SLAN Datasheet
2Mb / 72P
   32-bit Microcontroller
More results

Mô tả tương tự - M058S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com