công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2-1377175-3 bảng dữ liệu(PDF) 1 Page - TE Connectivity Ltd |
|
2-1377175-3 bảng dữ liệu(HTML) 1 Page - TE Connectivity Ltd |
1 / 24 page Introduction PIDG Pre-Insulated Diamond Grip Section Catalog 1654376-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 37 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 37-1 Product Facts I Basic terminal is made of high conductivity copper, electro tin plated, for improved cor- rosion resistance. I Applicable wire size is marked on the tongue. I Inner serrations on the wire barrel gives maximum electrical contact and tensile strength with the conductor. I Copper sleeve provides circum-ferential insulation support to the wire and allows the wire to be bent in any direction without damaging the wire insulation or conductors. I Insulation sleeves and corresponding tooling are color-coded by wire size for easier identification. I AMP PIDG Terminals and Splices meet the require- ments of MIL-T-7928. I A variety of PIDG terminals and splices are UL listed File E 13288 and certified by CSA File LR 7189. Color Coding. Color-coded by wire size. Serrations. Serrations inside barrel for maximum contact and tensile strength. Funnel Entry. Conical entry for easy wire insertion. Copper Sleeve. Copper sleeve to support wire insulation. PIDG pre-insulated Diamond Grip Terminals and Splices are designed for complete and uniform reliability. The pre- insulated termination ensures a vibration safe connection of maximum conductivity, and its tensile strength approaches that of the wire itself. Each PIDG terminal consists of a tin plated copper body, with a specially designed copper sleeve and insulation sleeve fitted over the terminal barrel. The carefully engineered application tooling has been designed for the PIDG pro- gram to ensure high quality terminations time after time. Terminal and insulation sleeve are crimped simultaneously resulting in an excellent tensile strength and vibration resist- ance. During crimping dot code is applied to the insulation sleeve, to confirm the use of the correct tooling. Nylon Insulation. Nylon sleeve for high dielectric strength. In order to obtain the best termination results it is impor- tant to select the correct tool. Each terminal is matched to a compatible tool. CERTI-CRIMP hand tools are provided with a patented ratched device to ensure the crimp cycle is completed before releasing. There is a CERTI-CRIMP tool available for each terminal range. Insulation Sleeve. Expanded sleeve, accepts wide range of wire insulation. |
Số phần tương tự - 2-1377175-3 |
|
Mô tả tương tự - 2-1377175-3 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |