công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XZVG81FS bảng dữ liệu(PDF) 2 Page - SunLED Corporation |
|
XZVG81FS bảng dữ liệu(HTML) 2 Page - SunLED Corporation |
2 / 5 page Part Number: XZVG81FS 2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP Sep 28,2016 XDSB3982 V4-Z Layout: Maggie L. P. 2/5 Handling Precautions Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic significantly reduces thermal stress, it is more susceptible to damage by external mechanical force. As a result, special handling precautions need to be observed during assembly using silicone encapsulated LED products. Failure to comply might lead to damage and premature failure of the LED. 1.Do not directly touch or handle the silicone lens surface. It may damage the internal circuitry. 2. As silicone encapsulation is permeable to gases, some corrosive substances such as H2S might corrode silver plating of leadframe. Special care should be taken if an LED with silicone encapsulation is to be used near such substances. |
Số phần tương tự - XZVG81FS |
|
Mô tả tương tự - XZVG81FS |