công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5819 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện 1N5819
Giải thích chi tiết về linh kiện  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5819 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  1N5819 Datasheet HTML 1Page - Vishay Siliconix 1N5819 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage 20 to 40V
Forward Current 1.0A
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
1N5817
1N5818
1N5819
Unit
* Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
Maximum RMS voltage
VRMS
14
21
28
V
* Maximum DC blocking voltage
VDC
20
30
40
V
* Maximum non-repetitive peak reverse voltage
VRSM
24
36
48
V
* Maximum average forward rectified current
0.375" (9.5mm) lead length at TL=90°C
IF(AV)
1.0
A
* Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
25
A
(JEDEC Method) at TL=70°C
Typical thermal resistance – junction-to-ambient (glass)
R
ΘJA
130
(Note 2)
– junction-to-ambient (plastic)
R
ΘJA
50
°C/W
– junction-to-lead (plastic)
R
ΘJL
15
*Storage temperature range
TJ, TSTG
–65 to +125
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
1N5817
1N5818
1N5819
Unit
* Maximum instantaneous forward voltage at 1.0 (Note 1)
VF
0.450
0.550
0.600
V
* Maximum instantaneous forward voltage at 3.1 (Note 1)
VF
0.750
0.875
0.900
V
* Maximum average reverse current
TA = 25°C
IR
1.0
mA
at rated DC blocking voltage (Note 1)
TA = 100°C
10
Typical junction capacitance at 4.0V, 1.0MHz
CJ
110
pF
*JEDEC registered values
Notes: (1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) Thermal resistance from junction to lead vertical P.C.B. mounted, 0.375" (9.5mm) lead length with 1.5 x 1.5” (38 x 38mm) copper pads
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Low power loss, high efficiency
• For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
• Guardring for overvoltage protection
Mechanical Data
Case: JEDEC DO-204 AL molded plastic body, glass
body or glass MELF body
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed: 250°C/10
seconds at terminals for MELF and 0.375” (9.5mm) lead
length, 5lbs (2.3kg) tension for axials
Polarity: Color band denotes cathode end
(band is green on MELF)
Weight: plastic body DO-41: 0.34g
glass body DO-41: 0.35g
glass MELF: 0.25g
0.107 (2.7)
0.080 (2.0)
0.034 (0.86)
0.028 (0.71)
DIA.
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160 (4.1)
DIA.
DO-204AL (DO-41)
Use “G” suffix
if glass body DO-41
0.022 (0.55)
0.205 (5.2)
0.189 (4.8)
Cathode Mark
Use “M” Suffix if body is MELF
Dimensions in inches and (millimeters)
* 2.6 mm max. for glass DO-41
** 4.1mm max. for glass DO-41
Glass MELF
*
**
1N5817 thru 1N5819
Vishay Semiconductors
formerly General Semiconductor
Schottky Barrier Rectifiers
Document Number 88525
www.vishay.com
25-Jun-02
1


Số phần tương tự - 1N5819

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
1N5819 MOTOROLA-1N5819 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Jinan Jingheng (Group) ...
1N5819 JINANJINGHENG-1N5819 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
1N5819 SECOS-1N5819 Datasheet
190Kb / 2P
   VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
logo
Stanson Technology
1N5819 STANSON-1N5819 Datasheet
67Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
1N5819 ETC2-1N5819 Datasheet
329Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Mô tả tương tự - 1N5819

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com