công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC48R2020 bảng dữ liệu(PDF) 9 Page - Holtek Semiconductor Inc

tên linh kiện BC48R2020
Giải thích chi tiết về linh kiện  315/433MHz Remote RF TX 8-Bit OTP MCU
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BC48R2020 bảng dữ liệu(HTML) 9 Page - Holtek Semiconductor Inc

Back Button BC48R2020 Datasheet HTML 5Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 6Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 7Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 8Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 9Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 10Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 11Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 12Page - Holtek Semiconductor Inc BC48R2020 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
Rev. 1.10
8
�a� 0�� �01�
Rev. 1.10
9
�a� 0�� �01�
BC48R2020
315/433MHz Remote RF TX 8-Bit OTP MCU
BC48R2020
315/433MHz Remote RF TX 8-Bit OTP MCU
Absolute Maximum Ratings
SupplyVoltage....................................................................................................VSS-0.3VtoVSS+6.0V
InputVoltage...................................................................................................... VSS-0.3VtoVDD+0.3V
StorageTemperature...................................................................................................... -50°Cto125°C
OperatingTemperature.................................................................................................... -40°Cto85°C
ESDHBM..................................................................................................................................... ±5kV
ESD............................................................................................................................................. ±400V
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“Absolute
MaximumRatings”maycausesubstantialdamagetothedevice.Functionaloperationofthis
deviceatotherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolonged
exposuretoextremeconditionsmayaffectdevicereliability.
D.C. Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage (HIRC)
— fSYS=8�Hz
�.3
3.6
V
IDD
Operating Current (HIRC on)
3V No load� fSYS=8�Hz
1.�
1.8
mA
ISTB1
Standb� Current (LIRC on)
3V No load� S�stem HALT
μA
ISTB�
Standb� Current (LIRC off)
3V No load� S�stem HALT
1
μA
VIL1
Input Low Voltage for I/O ports� T�R� INT pin —
0
0.�VDD
V
VIH1
Input High Voltage for I/O ports� T�R and
INT pin
0.8VDD
VDD
V
VIL�
Input Low Voltage (RES)
0
0.�VDD
V
VIH�
Input High Voltage (RES)
0.9VDD
VDD
V
VLVR
Low Voltage Reset Voltage
— LVR Enable� �.1V
�.0
�.1
�.�
V
IOH
I/O Source Current (PA)
3V VOH=0.9VDD
-�.�
-�
mA
IOL1
I/O Sink Current (PA)
3V VOL=0.1VDD
7.�
1�
mA
RPH
Pull-high Resistance for I/O Ports
3V
�0
60
100


Số phần tương tự - BC48R2020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
BC485 CDIL-BC485 Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC485A CDIL-BC485A Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC485B CDIL-BC485B Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC485L CDIL-BC485L Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Mô tả tương tự - BC48R2020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Holtek Semiconductor In...
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
   Remote Type 8-Bit OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
   Remote Type 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
   8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
logo
Holtek Semiconductor In...
BC68F2420 HOLTEK-BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
BC68F2420BC68F2420 HOLTEK-BC68F2420BC68F2420 Datasheet
5Mb / 116P
   315/433MHz RF Super-regenerative Receiver SoC Flash MCU
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com