công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XZMYK68W-2 bảng dữ liệu(PDF) 1 Page - SunLED Corporation |
|
XZMYK68W-2 bảng dữ liệu(HTML) 1 Page - SunLED Corporation |
1 / 4 page Sep 17,2016 XDSA6858 V7-Z Layout: Maggie L. P. 1/4 Part Number: XZMYK68W-2 1.0X0.5mm SMD CHIP LED LAMP Features ● Ideal for indication light on hand held products ● Long life and robust package ● Standard Package: 2,000pcs/ Reel ● MSL (Moisture Sensitivity Level): 3 ● RoHS compliant Absolute Maximum Ratings (TA=25°C) Yellow (AlGaInP) Unit Reverse Voltage VR 5 V Forward Current IF 30 mA Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width iFS 175 mA Power Dissipation PD 75 mW Operating Temperature TA -40 ~ +85 °C Storage Temperature Tstg -40 ~ +85 Package Schematics Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is ±0.1(0.004") unless otherwise noted. 3. Specifications are subject to change without notice. Yellow (AlGaInP) Unit Forward Voltage (Typ.) (IF=20mA) VF 2 V Forward Voltage (Max.) (IF=20mA) VF 2.5 V Reverse Current (Max.) (VR=5V) IR 10 uA Wavelength of Peak Emission CIE127-2007* (Typ.) (IF=20mA) λP 590* nm Wavelength of Dominant Emission CIE127-2007* (Typ.) (IF=20mA) λD 590* nm Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) △ λ 20 nm Capacitance (Typ.) (VF=0V, f=1MHz) C 20 pF Operating Characteristics (TA=25°C) Part Number Emitting Color Emitting Material Lens-color Wavelength CIE127-2007* nm λP Viewing Angle 2θ 1/2 min. typ. XZMYK68W-2 Yellow AlGaInP Water Clear 80* 148* 590* 120° Luminous Intensity CIE127-2007* (IF=20mA) mcd *Luminous intensity value and wavelength are in accordance with CIE127-2007 standards. ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES A Relative Humidity between 40% and 60% is recommended in ESD-protected work areas to reduce static build up during assembly process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033) |
Số phần tương tự - XZMYK68W-2 |
|
Mô tả tương tự - XZMYK68W-2 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |