công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3-1437592-7 bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện 3-1437592-7
Giải thích chi tiết về linh kiện  Toggle Switches, Process Sealed, Vertical and Right Angle, Round Actuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1437592-7 bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  3-1437592-7 Datasheet HTML 1Page - Tyco Electronics 3-1437592-7 Datasheet HTML 2Page - Tyco Electronics 3-1437592-7 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C20
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
ATE Series
Toggle Switches, Process Sealed, Vertical, Round or Flat Actuators
Tyco
Alcoswitch
Type
Contact Type
Electronics
1-1437557-5
ATE2DGPC1
DPDT
On None On
Gold
1-1437557-9
ATE2EGPC1
DPDT
On
Off
On
Gold
Terminals Connected:
2-3
2-1
5-6
5-4
ATE1DGPC1
Tyco
Alcoswitch
Type
Contact Type
Electronics
1437557-2
ATE1DGPC1
SPDT
On None On
Gold
1437557-6
ATE1EGPC1
SPDT
On
Off
On
Gold
ATE1FGPC1
SPDT
On None (On)
Gold
1-1437557-2
ATE1GGPC1
SPDT
(On) Off (On)
Gold
Terminals Connected:
2-3
2-1
(On) indicates momentary position.
Extra compact double pole saves PCB
real estate.
ATE2DGPC1
ATE1DGPC7
Extra compact double pole saves PCB
real estate.
ATE2DGPC7
SPDT/DPDT
SEE PAGE C19 FOR PRODUCT SPECIFICATIONS
SPDT/DPDT
.374
(9.50)
.394
(10.00)
.157
(3.98)
26
°
.157
(3.98)
.315
(8.00)
.130
(3.30)
.024
(0.61)
.100
(2.54)
TYP.
.996
(25.30)
.106
(2.69)
DIA.
.197
(5.00)
.157
(3.98)
DIA.
TYP.
.059
(1.49)
.012
(0.30)
EPOXY SEAL
2
3
1
5
6
4
.100
(2.54)
TYP.
P.C. HOLE LAYOUT
DOUBLE POLE
.032
(0.81)
DIA. TYP.
.100
(2.54)
TYP.
.100
(2.54)
TYP.
.374
(9.50)
.394
(10.00)
.157
(3.98)
26
°
.157
(3.98)
.315
(8.00)
.130
(3.30)
.024
(0.61)
.100
(2.54)
TYP.
.996
(25.30)
.012
(0.30)
EPOXY SEAL
.106
(2.69)
DIA.
.197
(5.00)
.157
(3.98)
DIA.
2
3
1
TYP.
.059
(1.49)
P.C. HOLE LAYOUT
SINGLE POLE
.032
(0.81)
DIA. TYP.
.100
(2.54)
TYP.
.374
(9.50)
.236
(5.99)
.157
(3.98)
26
°
.315
(8.00)
.130
(3.30)
.024
(0.61)
.100
(2.54)
TYP.
.839
(21.30)
.012
(0.30)
EPOXY SEAL
P.C. HOLE LAYOUT
SINGLE POLE
.098
(2.48)
DIA.
.197
(5.00)
.157
(3.98)
DIA.
2
3
1
TYP.
.032
(0.81)
DIA. TYP.
.100
(2.54)
TYP.
.374
(9.50)
.236
(5.99)
.157
(3.98)
26
°
.315
(8.00)
.130
(3.30)
.024
(0.61)
.100
(2.54)
TYP.
.839
(21.30)
.012
(0.30)
TYP.
EPOXY SEAL
P.C. HOLE LAYOUT
DOUBLE POLE
.098
(2.48)
DIA.
.197
(5.00)
.157
(3.98)
DIA.
2
3
1
5
6
4
TYP.
.032
(0.81)
DIA. TYP.
.100
(2.54)
.100
(2.54)
TYP.
.100
(2.54)
TYP.
Tyco
Alcoswitch
Type
Contact Type
Electronics
1-1437557-6
ATE2DGPC7
DPDT
On None On
Gold
Terminals Connected:
2-3
2-1
5-6
5-4
Tyco
Alcoswitch
Type
Contact Type
Electronics
1437557-3
ATE1DGPC7
SPDT
On None On
Gold
1-1437557-3
ATE1GGPC7
SPDT
(On) Off (On)
Gold
Terminals Connected:
2-3
2-1
5-6
5-4
(On) indicates momentary position.


Số phần tương tự - 3-1437592-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
3-1437597-4 MACOM-3-1437597-4 Datasheet
295Kb / 4P
   Key Switches, Medium Security
3-1437597-6 MACOM-3-1437597-6 Datasheet
295Kb / 4P
   Key Switches, Medium Security
3-1437597-8 MACOM-3-1437597-8 Datasheet
295Kb / 4P
   Key Switches, Medium Security
3-1437598-4 MACOM-3-1437598-4 Datasheet
295Kb / 4P
   Key Switches, Medium Security
More results

Mô tả tương tự - 3-1437592-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
logo
Honeywell Accelerometer...
BX4A3E HONEYWELL-ACC-BX4A3E Datasheet
515Kb / 9P
   Sealed Toggle Switches
1NT1-3D HONEYWELL-ACC-1NT1-3D Datasheet
515Kb / 9P
   Sealed Toggle Switches
7AT4 HONEYWELL-ACC-7AT4 Datasheet
515Kb / 9P
   Sealed Toggle Switches
logo
CIT Relay & Switch
STJV CIT-STJV Datasheet
461Kb / 1P
   Right Angle, Multi-Directional Actuator, Process Sealed Tactile
Rev B 11/2022
logo
Tyco Electronics
2-1437556-3 MACOM-2-1437556-3 Datasheet
506Kb / 8P
   Toggle Switches, AE Series, Process Sealed, Part Number Matrix
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
   Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com