công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FP-40EV bảng dữ liệu(PDF) 4 Page - Renesas Technology Corp

tên linh kiện FP-40EV
Giải thích chi tiết về linh kiện  Continuous Conduction Mode Interleaving PFC Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FP-40EV bảng dữ liệu(HTML) 4 Page - Renesas Technology Corp

  FP-40EV Datasheet HTML 1Page - Renesas Technology Corp FP-40EV Datasheet HTML 2Page - Renesas Technology Corp FP-40EV Datasheet HTML 3Page - Renesas Technology Corp FP-40EV Datasheet HTML 4Page - Renesas Technology Corp FP-40EV Datasheet HTML 5Page - Renesas Technology Corp FP-40EV Datasheet HTML 6Page - Renesas Technology Corp FP-40EV Datasheet HTML 7Page - Renesas Technology Corp FP-40EV Datasheet HTML 8Page - Renesas Technology Corp FP-40EV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
R2A20104/114 Series
R03DS0008EJ0301 Rev.3.01
Page 4 of 11
Jan 08, 2016
Pin Arrangement of R2A20104SP and R2A20114SP
(Top view)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CS2
CS1
GD1
SS
VCC
GD2
CSO2
CT
PGND
FB
COMP
CSO1
AGND
RS
VREF
RT/SYNC
IRAMP
VAC
FM
BO
Pin Functions of R2A20104SP and R2A20114SP
Pin No.
Pin Name
Input/Output
Function
1
RT/SYNC
Input
Frequency setting timing resistor connecting terminal / Sync. signal input terminal
2
CT
Input
Frequency setting timing capacitor connecting terminal
3
FM
Input
Frequency modulation setting timing capacitor connecting terminal
4
VREF
Output
Reference voltage output terminal
5
BO
Input
Brownout input terminal
6
VAC
Input
AC voltage input terminal
7
AGND
Analog ground
8
RS
Input
Current correction setting resistor connecting terminal
9
SS
Input
Soft start setting capacitor connecting terminal
10
COMP
Output
Error amplifier output terminal (to be phase-compensated)
11
FB
Input
Error amplifier input terminal (feedback voltage input terminal)
12
IRAMP
Input
Ramp waveform setting resistor connecting terminal
13
CSO2
Output
Current sense amplifier 2 output terminal (to be phase-compensated)
14
CSO1
Output
Current sense amplifier Output 1 output terminal (to be phase-compensated)
15
CS2
Input
Current sense 2 input terminal
16
CS1
Input
Current sense 1 input terminal
17
VCC
Input
Supply voltage terminal
18
GD2
Output
Converter 2 Power MOSFET drive terminal
19
PGND
Power ground
20
GD1
Output
Converter 1 Power MOSFET drive terminal


Số phần tương tự - FP-40EV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
FP-4R0CM151M-VAR NICHICON-FP-4R0CM151M-VAR Datasheet
186Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
FP-4R0CM151M-VBR NICHICON-FP-4R0CM151M-VBR Datasheet
186Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
FP-4R0ME101M-FSR NICHICON-FP-4R0ME101M-FSR Datasheet
878Kb / 2P
   FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
FP-4R0ME101M-FSR NICHICON-FP-4R0ME101M-FSR Datasheet
733Kb / 2P
   High Capacitance
FP-4R0ME101M-PSR NICHICON-FP-4R0ME101M-PSR Datasheet
667Kb / 2P
   Standard
More results

Mô tả tương tự - FP-40EV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com