công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5176PWPT bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM5176PWPT
Giải thích chi tiết về linh kiện  55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5176PWPT bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM5176PWPT Datasheet HTML 1Page - Texas Instruments LM5176PWPT Datasheet HTML 2Page - Texas Instruments LM5176PWPT Datasheet HTML 3Page - Texas Instruments LM5176PWPT Datasheet HTML 4Page - Texas Instruments LM5176PWPT Datasheet HTML 5Page - Texas Instruments LM5176PWPT Datasheet HTML 6Page - Texas Instruments LM5176PWPT Datasheet HTML 7Page - Texas Instruments LM5176PWPT Datasheet HTML 8Page - Texas Instruments LM5176PWPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
LM5176
www.ti.com
SNVSAI1 – JUNE 2017
Product Folder Links: LM5176
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VIN, EN/UVLO, VISNS, VOSNS, ISNS(+), ISNS(–)
–0.3
60
V
BIAS
–0.3
40
FB, SS, DITH, RT/SYNC, SLOPE, COMP
–0.3
3.6
SW1, SW2
–1
60
SW1, SW2 (20 ns transient)
–5.0
65
VCC, MODE, PGOOD
–0.3
8.5
LDRV1, LDRV2
–0.3
8.5
BOOT1, HDRV1 with respect to SW1
–0.3
8.5
BOOT2, HDRV2 with respect to SW2
–0.3
8.5
BOOT1, BOOT2
–0.3
68
ISNS(+) with respect to ISNS(-)
-0.3
0.3
CS, CSG
–0.3
0.3
Operating junction temperature
–40
150
°C
Storage temperature, Tstg
-65
150
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges
into the device.
(2)
Level listed above is the passing level per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500 V HBM allows safe
manufacturing with a standard ESD control process.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250 V CDM allows safe
manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
VESD
(1)
Human body model (HBM) ESD stress voltage(2)
±2000
V
Charged device model (CDM) ESD stress voltage(3)
±750
(1)
Recommended Operating Conditions are conditions under the device is intended to be functional. For specifications and test conditions,
see Electrical Characteristics .
(2)
High junction temperatures degrade operating lifetimes. Operating lifetime is de-rated for junction temperatures greater than 125°C.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VIN
Input bias voltage
4.2
55
V
VISNS
Input power stage voltage with external bias (BIAS
≥ 5 V
or VIN
≥ 4.5 V)
2.5
55
BIAS
Bias supply voltage range (when VCC in regulation)
8
36
VOSNS
Output voltage range
0.8
55
EN/UVLO
Enable voltage range
0
55
ISNS(+), ISNS(-)
Average current sense common mode range
0
55
TJ
Operating temperature range(2)
–40
125
°C
Fsw
Operating frequency range
100
600
kHz


Số phần tương tự - LM5176PWPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5176PWPT TI1-LM5176PWPT Datasheet
2Mb / 37P
[Old version datasheet]   55-V Wide VIN synchronous 4-switch buck-boost controller
More results

Mô tả tương tự - LM5176PWPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
[Old version datasheet]   55-V Wide VIN synchronous 4-switch buck-boost controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
[Old version datasheet]   30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936-Q1 TI1-LM34936-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   30-V Wide VIN Synchronous Four-Switch Buck-Boost Controller
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
[Old version datasheet]   LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
LM5177 TI-LM5177 Datasheet
2Mb / 52P
[Old version datasheet]   LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI-LM5177_V01 Datasheet
2Mb / 54P
[Old version datasheet]   LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com