công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25145RGYT bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25145RGYT
Giải thích chi tiết về linh kiện  6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25145RGYT bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM25145RGYT Datasheet HTML 5Page - Texas Instruments LM25145RGYT Datasheet HTML 6Page - Texas Instruments LM25145RGYT Datasheet HTML 7Page - Texas Instruments LM25145RGYT Datasheet HTML 8Page - Texas Instruments LM25145RGYT Datasheet HTML 9Page - Texas Instruments LM25145RGYT Datasheet HTML 10Page - Texas Instruments LM25145RGYT Datasheet HTML 11Page - Texas Instruments LM25145RGYT Datasheet HTML 12Page - Texas Instruments LM25145RGYT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
9
LM25145
www.ti.com
SNVSAT9 – JUNE 2017
Product Folder Links: LM25145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 125°C junction temperature
range unless otherwise stated. VIN = 24 V, VEN/UVLO = 1.5 V, RRT = 25 kΩ unless otherwise stated.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSYNCIN
Delay from SYNCIN leading edge to
HO rising
50% to 50%
150
ns
BOOTSTRAP DIODE AND UNDERVOLTAGE THRESHOLD
VBST-FWD
Diode forward voltage, VCC to BST
VCC to BST, BST pin sourcing 20 mA
0.75
0.9
V
IQ-BST
BST to SW quiescent current, not
switching
VSS/TRK = 0 V, VSW = 24 V, VBST = 30 V
80
µA
VBST-UV
BST to SW undervoltage detection
VBST – VSW falling
3.4
V
VBST-HYS
BST to SW undervoltage hysteresis
VBST – VSW rising
0.42
V
PWM CONTROL
TON(MIN)
Minimum controllable on-time
VBST – VSW = 7 V, HO 50% to 50%
40
60
ns
TOFF(MIN)
Minimum off-time
VBST – VSW = 7 V, HO 50% to 50%
140
200
ns
DC100kHz
Maximum duty cycle
FSW = 100 kHz, 6 V ≤ VVIN ≤ 42 V
98%
99%
DC400kHz
FSW = 400 kHz, 6 V ≤ VVIN ≤ 42 V
90%
94%
VRAMP(min)
Ramp valley voltage (COMP at 0%
duty cycle)
300
mV
kFF
PWM feedforward gain (VIN / VRAMP)
6 V
≤ VVIN ≤ 42 V
15
V/V
OVERCURRENT PROTECT (OCP) – VALLEY CURRENT LIMITING
IRS
ILIM source current, RSENSE mode
Low voltage detected at ILIM
90
100
110
µA
IRDSON
ILIM source current, RDS(on) mode
SW voltage detected at ILIM, TJ = 25°C
180
200
220
µA
IRSTC
ILIM current tempco
RDS-ON mode
4500
ppm/°C
IRDSONTC
ILIM current tempco
RSENSE mode
0
ppm/°C
VILIM-TH
ILIM comparator threshold at ILIM
–8
–2
3.5
mV
SHORT-CIRCUIT PROTECT (SCP) – DUTY CYCLE CLAMP
VCLAMP-OS
Clamp offset voltage – no current
limiting
CLAMP to COMP steady state offset voltage
0.2 + VVIN/75
V
VCLAMP-MIN Minimum clamp voltage
CLAMP voltage with continuous current limiting
0.3 + VVIN/150
V
HICCUP MODE FAULT PROTECTION
CHICC-DEL
Hiccup mode activation delay
Clock cycles with current limiting before hiccup
off-time activated
128
cycles
CHICCUP
Hiccup mode off-time after activation
Clock cycles with no switching followed by
SS/TRK release
8192
cycles
DIODE EMULATION
VZCD-SS
Zero-cross detect (ZCD) soft-start
ramp
ZCD threshold measured at SW pin
50 clock cycles after first HO pulse
0
mV
VZCD-DIS
Zero-cross detect disable threshold
(CCM)
ZCD threshold measured at SW pin
1000 clock cycles after first HO pulse
200
mV
VDEM-TH
Diode emulation zero-cross threshold
Measured at SW with VSW rising
–5
0
5
mV
GATE DRIVERS
RHO-UP
HO high-state resistance, HO to BST
VBST – VSW = 7 V, IHO = –100 mA
1.5
Ω
RHO-DOWN
HO low-state resistance, HO to SW
VBST – VSW = 7 V, IHO = 100 mA
0.9
Ω
RLO-UP
LO high-state resistance, LO to VCC
VBST – VSW = 7 V, ILO = –100 mA
1.5
Ω
RLO-DOWN
LO low-state resistance, LO to PGND VBST – VSW = 7 V, ILO = 100 mA
0.9
Ω
IHOH, ILOH
HO, LO source current
VBST – VSW = 7 V, HO = SW, LO = AGND
2.3
A
IHOL, ILOL
HO, LO sink current
VBST – VSW = 7 V, HO = BST, LO = VCC
3.5
A
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
TJ rising
175
°C
TSD-HYS
Thermal shutdown hysteresis
20
°C


Số phần tương tự - LM25145RGYT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25145 TI-LM25145 Datasheet
2Mb / 55P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25145 TI-LM25145 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25145 TI-LM25145 Datasheet
5Mb / 70P
[Old version datasheet]   LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM25145 TI1-LM25145 Datasheet
3Mb / 60P
[Old version datasheet]   LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results

Mô tả tương tự - LM25145RGYT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
[Old version datasheet]   6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
[Old version datasheet]   100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LV5144 TI1-LV5144 Datasheet
3Mb / 60P
[Old version datasheet]   LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
[Old version datasheet]   LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com