công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM25145RGYR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM25145RGYR
Giải thích chi tiết về linh kiện  6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25145RGYR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM25145RGYR Datasheet HTML 1Page - Texas Instruments LM25145RGYR Datasheet HTML 2Page - Texas Instruments LM25145RGYR Datasheet HTML 3Page - Texas Instruments LM25145RGYR Datasheet HTML 4Page - Texas Instruments LM25145RGYR Datasheet HTML 5Page - Texas Instruments LM25145RGYR Datasheet HTML 6Page - Texas Instruments LM25145RGYR Datasheet HTML 7Page - Texas Instruments LM25145RGYR Datasheet HTML 8Page - Texas Instruments LM25145RGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
BST
HO
SW
VCC
PGND
RT
SS/TRK
COMP
FB
AGND
VIN
VOUT
LM25145
VOUT
SYNC In
GND
PG
SYNCOUT
SYNCIN
EN/UVLO
VIN
ILIM
PGOOD
SYNC Out
LO
LF
COUT
Q1
Q2
CIN
RILIM
CVCC
CBST
CSS
RFB2
RFB1
RC2
CC2
CC1
RC1
CC3
RRT
EN
VIN
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM25145
SNVSAT9 – JUNE 2017
LM25145 6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
1
1 Features
1
Versatile Synchronous Buck DC-DC Controller
Wide Input Voltage Range of 6 V to 42 V
Adjustable Output Voltage From 0.8 V to 40 V
Meets EN55022 / CISPR 22 EMI Standards
Lossless RDS(on) or Shunt Current Sensing
Switching Frequency From 100 kHz to 1 MHz
SYNC In and SYNC Out Capability
40-ns Minimum On-Time for High VIN / VOUT Ratio
140-ns Minimum Off-Time for Low Dropout
0.8-V Reference With ±1% Feedback Accuracy
7.5-V Gate Drivers for Standard VTH MOSFETs
14-ns Adaptive Dead-Time Control
2.3-A Source and 3.5-A Sink Capability
Low-Side Soft-Start for Prebiased Start-Up
Adjustable Soft-Start or Optional Voltage Tracking
Fast Line and Load Transient Response
Voltage-Mode Control With Line Feedforward
High Gain-Bandwidth Error Amplifier
Precision Enable Input and Open-Drain Power
Good Indicator for Sequencing and Control
Inherent Protection Features for Robust Design
Hiccup Mode Overcurrent Protection
Input UVLO With Hysteresis
VCC and Gate Drive UVLO Protection
Thermal Shutdown Protection With Hysteresis
VQFN-20 Package With Wettable Flanks
Create a Custom Design Using the LM25145 With
WEBENCH® Power Designer
2 Applications
Telecom Infrastructure
Factory Automation
Test and Measurement
Industrial Motor Drives
3 Description
The LM25145 42-V synchronous buck controller is
designed to regulate from a high input voltage source
or from an input rail subject to high voltage transients,
minimizing the need for external surge suppression
components. A high-side switch minimum on-time of
40 ns facilitates large step-down ratios, enabling the
direct step-down conversion from a 24 V nominal
input
to
low-voltage
rails
for
reduced
system
complexity and solution cost. The LM25145 continues
to operate during input voltage dips as low as 6 V, at
nearly 100% duty cycle if needed, making it well
suited for high-performance industrial control, robotic,
datacom, and RF power amplifier applications.
Forced-PWM (FPWM) operation eliminates frequency
variation to minimize EMI, while a user-selectable
diode emulation feature lowers current consumption
at light-load conditions. Cycle-by-cycle overcurrent
protection is accomplished by measuring the voltage
drop across the low-side MOSFET or by using an
optional
current
sense
resistor.
The
adjustable
switching frequency as high as 1 MHz can be
synchronized to an external clock source to eliminate
beat frequencies in noise-sensitive applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM25145
VQFN (20)
3.50 mm × 4.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit and Efficiency Performance, VOUT = 5 V, FSW = 225 kHz


Số phần tương tự - LM25145RGYR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM25145 TI-LM25145 Datasheet
2Mb / 55P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25145 TI-LM25145 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25145 TI-LM25145 Datasheet
5Mb / 70P
[Old version datasheet]   LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM25145 TI1-LM25145 Datasheet
3Mb / 60P
[Old version datasheet]   LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results

Mô tả tương tự - LM25145RGYR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
[Old version datasheet]   6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
[Old version datasheet]   100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LV5144 TI1-LV5144 Datasheet
3Mb / 60P
[Old version datasheet]   LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
[Old version datasheet]   LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com