công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE1084 bảng dữ liệu(PDF) 6 Page - ACE Technology Co., LTD.

tên linh kiện ACE1084
Giải thích chi tiết về linh kiện  1A Bipolar Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1084 bảng dữ liệu(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE1084_17 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE1084_17 Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ACE1084
1A Bipolar Linear Regulator
VER 1.2
6
Detailed Description
ACE1084 is a series of low dropout voltage three terminal regulators. Its circuit has a trimmed band gap
reference to ensure output voltage accuracy independent of temperature variance. On-chip thermal
shutdown provides protection against overload and conditions as elevated ambient temperature.
Its application circuitry requires minimum number of external components. Both fixed voltage and
adjustable voltage versions need input and output capacitors to assure output voltage stability. Any
desired output voltage from 1.25V to 10V can be achieved with adjustable version by assigning proper
values to two external resistors in its application circuitry (as shown in Figure.1, as R1, R2 are the two
external resistors.).
Typical Application
ACE1084 has an adjustable version and fixed versions, Figure.1 shows their typical application circuitry.
A 10uF tan capacitor connected between input and GND as bypass capacitor and a 22uF tan capacitor
between output and GND are recommended for all application.
Using a bypass capacitor (CAdj) between the adjust terminal and ground can improve ripple rejection. The
bypass capacitor prevents ripple from being amplified in case the output voltage is increased. The
impedance of CAdj should be less than the resistance of R1 to prevent ripple from being amplified at any
frequency. As R1 is normally in the range of 120Ω~200Ω, the value of C
Adj should satisfy the following
condition:
1/(2π* Frequency
Ripple *Cadj)<R1
A 10µF tan capacitor is recommended.
Figure1. Typical Application of ACE1084


Số phần tương tự - ACE1084_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084 Datasheet
881Kb / 13P
   5A Bipolar Linear Regulator
VER 1.4
More results

Mô tả tương tự - ACE1084_17

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
   1A Bipolar Linear Regulator
2014/12/23
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
   1A Bipolar Linear Regulator
VER 1.2
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
   1A Bipolar Linear Regulator
VER 1.3
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
   1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
   1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117D LRC-LR1117D Datasheet
838Kb / 9P
   1A Bipolar Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
   1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117C LRC-LR1117C Datasheet
1,016Kb / 10P
   1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com