công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE24AC04.08.16 bảng dữ liệu(PDF) 3 Page - ACE Technology Co., LTD.

tên linh kiện ACE24AC04.08.16
Giải thích chi tiết về linh kiện  Two-wire Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24AC04.08.16 bảng dữ liệu(HTML) 3 Page - ACE Technology Co., LTD.

  ACE24AC04.08.16 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24AC04.08.16 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ACE24AC04.08.16
Two-wire Serial EEPROM
VER 1.2
3
Block Diagram
Pin Description
(A)
Serial Clock (SCL)
The rising edge of this SCL input is to latch data into the EEPROM device while the falling edge of
this clock is to clock data out of the EEPROM device.
(B)
Device / Chip Select Addresses (A2, A1, A0)
These are the chip select input signals for the serial EEPROM devices. Typically, these signals are
hardwired to either VIH or VIL. If left unconnected, they are internally recognized as VIL. ACE24AC04
has A0 pin as no-connect. ACE24AC08 has both A0 and A1 pins as no-connect. For ACE24AC16,
all device address pins (A0-A2) are no-connect.
(C)
Serial Data Line (SDA)
SDA data line is a bi-directional signal for the serial devices. It is an open drain output signal and can
be wired-OR with other open-drain output devices.
(D)
Write Protect (WP)
The ACE24AC04.08.16 devices have a WP pin to protect the whole EEPROM array from
programming. Programming operations are allowed if WP pin is left un-connected or input to VIL.
Conversely all programming functions are disabled if WP pin is connected to VIH or VCC. Read
operations is not affected by the WP pin’s input level.


Số phần tương tự - ACE24AC04.08.16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
ACE24AC02A1 ACE-ACE24AC02A1 Datasheet
974Kb / 17P
   Two-wire Serial EEPROM
VER 1.4
ACE24AC02A1BNTH ACE-ACE24AC02A1BNTH Datasheet
974Kb / 17P
   Two-wire Serial EEPROM
VER 1.4
ACE24AC02A1BNUH ACE-ACE24AC02A1BNUH Datasheet
974Kb / 17P
   Two-wire Serial EEPROM
VER 1.4
ACE24AC02A1DMTH ACE-ACE24AC02A1DMTH Datasheet
974Kb / 17P
   Two-wire Serial EEPROM
VER 1.4
ACE24AC02A1DMUH ACE-ACE24AC02A1DMUH Datasheet
974Kb / 17P
   Two-wire Serial EEPROM
VER 1.4
More results

Mô tả tương tự - ACE24AC04.08.16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com