công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCH-80 bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện ADCH-80
Giải thích chi tiết về linh kiện  RF Choke 50 MHz to 10000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADCH-80 bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  ADCH-80 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
®
ISO 9001 CERTIFIED
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
ADCH-80
REV. B
M76120
ED-7562/2
ADCH-80
DJ/CP
010326
Features
Features
Features
Features
Features
l low parasitic capacitance 0.1 PF typ.
l effective parallel resistance, Rch 800 ohm typ.
l patent applied for
Outline Drawing
Outline Drawing
Outline Drawing
Outline Drawing
Outline Drawing
RF Choke
RF Choke
RF Choke
RF Choke
RF Choke
50 MHz to 10000 MHz
Very Wideband
Outline Dimensions (
)
inch
inch
inch
inch
inch
mm
mm
mm
mm
mm
Applications
Applications
Applications
Applications
Applications
l amplifier biasing
CASE STYLE: CD542
PRICE: $ 2.75 ea.
QTY.: (10-49)
Electrical Specifications
Electrical Specifications
Electrical Specifications
Electrical Specifications
Electrical Specifications
FREQUENCY
FREQUENCY
FREQUENCY
FREQUENCY
FREQUENCY
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)
INSERTION LOSS*
INSERTION LOSS*
INSERTION LOSS*
INSERTION LOSS*
INSERTION LOSS*
(dB)
(dB)
(dB)
(dB)
(dB)
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Max.
*tested with circuit shown below, Zo=50 ohms
50 - 8000
0.3
1.0
1.1
1.35
100
7.0
1.8
1.0
50-10000
0.3
2.0
1.1
1.6
100
7.0
1.8
1.0
DC
DC
DC
DC
DC
CURRENT
CURRENT
CURRENT
CURRENT
CURRENT
(mA)
(mA)
(mA)
(mA)
(mA)
INDUCTANCE
INDUCTANCE
INDUCTANCE
INDUCTANCE
INDUCTANCE
(µH)
(µH)
(µH)
(µH)
(µH)
Typ.
Typ.
Typ.
Typ.
Typ.
VSWR*
VSWR*
VSWR*
VSWR*
VSWR*
(:1)
(:1)
(:1)
(:1)
(:1)
Max.
Max.
Max.
Max.
Max.
@
@
@
@
@
0 mA
0 mA
0 mA
0 mA
0 mA
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Max.
Max.
Max.
Max.
@
@
@
@
@
50 mA
50 mA
50 mA
50 mA
50 mA
@
@
@
@
@
100 mA
100 mA
100 mA
100 mA
100 mA
Maximum Ratings
Maximum Ratings
Maximum Ratings
Maximum Ratings
Maximum Ratings
Operating Temperature -20°C to 85°C
Storage Temperature
-55°C to 100°C
DC current
250 mA
Pin Configuration
Pin Configuration
Pin Configuration
Pin Configuration
Pin Configuration
in
2
out
5
not used
1,3,4,6
A
B
CDE
F
G
H
.280
.310
.220
.100
.108
.055
.100
.040
7.11
7.87
5.58
2.54
2.74
1.40
2.54
1.02
J
K
L
wt.
––
.065
.300
grams
––
1.65
7.62
.40
NEW!
ADCH-80
0.2
0.4
0.6
0.8
1.0
1.2
0
2000
4000
6000
8000
10000
FREQUENCY (MHz)
INSERTION LOSS
ADCH-80
1.06
1.08
1.10
1.12
1.14
1.16
1.18
0
2000
4000
6000
8000
10000
FREQUENCY (MHz)
VSWR


Số phần tương tự - ADCH-80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
ADCH-80A MINI-ADCH-80A Datasheet
51Kb / 1P
   RF Choke
ADCH-80A MINI-ADCH-80A Datasheet
215Kb / 1P
   RF Choke
ADCH-80A++ MINI-ADCH-80A+ Datasheet
215Kb / 1P
   RF Choke
More results

Mô tả tương tự - ADCH-80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
TCCH-80 MINI-TCCH-80 Datasheet
123Kb / 1P
   Wideband RF Choke 50 to 8200 MHz
ZFSC-2-10G MINI-ZFSC-2-10G_1 Datasheet
178Kb / 1P
   Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
logo
Renesas Technology Corp
F2932 RENESAS-F2932 Datasheet
4Mb / 21P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
F2933 RENESAS-F2933 Datasheet
4Mb / 20P
   High Reliability SP2T RF Switch 50 MHz to 8000 MHz
logo
Mini-Circuits
ZFSC-2-10G MINI-ZFSC-2-10G Datasheet
199Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 2000 to 10000 MHz
logo
Pasternack Enterprises,...
PE8600 PASTERNACK-PE8600 Datasheet
223Kb / 3P
   50 Ohm SMA Frequency Doubler With Input From 1500 MHz To 5000 MHz And Output From 3000 MHz To 10000 MHz With 8.5 dB Conversion Loss
logo
Mini-Circuits
ZX10R-14 MINI-ZX10R-14 Datasheet
92Kb / 1P
   Power Splitter/Combiner 2 Way-0 Resistive 50廓 DC to 10000 MHz
logo
Renesas Technology Corp
F2258 RENESAS-F2258 Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator 50 to 6000 MHz
01/20/2017
logo
Texas Instruments
THS9001 TI1-THS9001_14 Datasheet
1Mb / 24P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
THS9000 TI-THS9000 Datasheet
505Kb / 18P
[Old version datasheet]   50 MHz to 400 MHz CASCADEABLE AMPLIFIER
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com