công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDC37N972 bảng dữ liệu(PDF) 2 Page - SMSC Corporation

tên linh kiện FDC37N972
Giải thích chi tiết về linh kiện  Advanced Notebook I/O Controller with Enhanced Keyboard Control and System Management
Download  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37N972 bảng dữ liệu(HTML) 2 Page - SMSC Corporation

  FDC37N972 Datasheet HTML 1Page - SMSC Corporation FDC37N972 Datasheet HTML 2Page - SMSC Corporation FDC37N972 Datasheet HTML 3Page - SMSC Corporation FDC37N972 Datasheet HTML 4Page - SMSC Corporation FDC37N972 Datasheet HTML 5Page - SMSC Corporation FDC37N972 Datasheet HTML 6Page - SMSC Corporation FDC37N972 Datasheet HTML 7Page - SMSC Corporation FDC37N972 Datasheet HTML 8Page - SMSC Corporation FDC37N972 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 390 page
background image
2
-
<2
!A Standby Current (typ)
!" Two 8584-Style ACCESS.bus Controllers
!" Four independent Hardware Driven PS/2
Ports
!" General Purpose I/O
-
22 I/O Pins
-
12 Out Pins
-
Eight In Pins
!" Two Programmable Pulse-Width Modulator
Outputs
-
Independent Clock Rates
-
6 Bit Duty Cycle Granularity
-
VCC1 and VCC2 operation mode
!" Intelligent Auto Power Management
!" 2.88MB Super I/O Floppy Disk Controller
-
Relocatable to 480 Different Base I/O
Addresses
-
15 IRQ Options
-
Four DMA Options
-
Open-Drain/Push-Pull Configurable
Output Drivers
-
Licensed CMOS 765B Floppy Disk
Controller
-
Advanced Digital Data Separator
-
Software and Register Compatible With
SMSC's Proprietary 82077AA Compatible
Core
-
Low Power CMOS Design with
Sophisticated Power Control Circuitry
(PCC) Including Multiple Powerdown
Modes for Reduced Power Consumption
-
Supports Two Floppy Drives on the FDD
Interface and Two Floppy Drives on the
Parallel Port Interface
-
12 mA FDD Interface Cable Drivers With
Schmitt Trigger Inputs
!" Licensed CMOS 765B Floppy Disk Controller
Core
-
Supports Vertical Recording Format
-
16-Byte Data FIFO
-
100% IBM Compatibility
-
Detects All Overrun and Underrun
Conditions
-
12 mA Drivers and Schmitt Trigger Inputs
-
DMA Enable Logic
-
Data Rate and Drive Control Registers
!" Enhanced Digital Data Separator
-
Low Cost Implementation
-
No Filter Components Required
-
2 Mbps, 1 Mbps, 500 Kbps, 300 Kbps,
250 Kbps Data Rates
-
Programmable Precompensation Modes
!"Multi-Mode Parallel Port with ChiProtect
- Standard Mode IBM PC/XT, PC/AT, and
PS/2 Compatible Bi-directional Parallel
Port
-
Enhanced Parallel Port EPP 1.7 and EPP
1.9 Compatible (IEEE 1284 Compliant)
IEEE 1284 Compliant Enhanced
Capabilities Port (ECP)
-
ChiProtect Circuitry to Prevent Printer
Power-On Damage
-
Relocatable to 480 Different Base I/O
Addresses
-
15 IRQ Options
-
4 DMA Options
-
Microsoft and HP compatible High Speed
Mode
-
12 mA Output Drivers
!" Serial Port
-
High-Speed NS16550A-Compatible
UART with 16-Byte Send/Receive FIFOs
-
Programmable Baud Rate Generator
Modem Control Circuitry Including 230k
and 460k Baud
-
Relocatable to 480 Different Base I/O
Addresses
-
15 IRQ Options
!" 208 Pin TQFP Package Options
!" 208 Pin FBGA Package Options


Số phần tương tự - FDC37N972

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
FDC37N958FRTQFP ETC1-FDC37N958FRTQFP Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
More results

Mô tả tương tự - FDC37N972

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
LPC47N252 SMSC-LPC47N252 Datasheet
44Kb / 4P
   Advanced Notebook I/O Controller with On-Board FLASH
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
Microchip Technology
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1322 MICROCHIP-MEC1322 Datasheet
5Mb / 456P
   Keyboard and Embedded Controller for Notebook PC
07/14/15
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
   Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
   Keyboard and Embedded Controller for Notebook PC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com