công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD6122 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện AD6122
Giải thích chi tiết về linh kiện  CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD6122 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button AD6122 Datasheet HTML 7Page - Analog Devices AD6122 Datasheet HTML 8Page - Analog Devices AD6122 Datasheet HTML 9Page - Analog Devices AD6122 Datasheet HTML 10Page - Analog Devices AD6122 Datasheet HTML 11Page - Analog Devices AD6122 Datasheet HTML 12Page - Analog Devices AD6122 Datasheet HTML 13Page - Analog Devices AD6122 Datasheet HTML 14Page - Analog Devices AD6122 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. B
AD6122
–11–
THEORY OF OPERATION
The CDMA Transmitter IF Subsystem (Figure 21) consists of
an I and Q modulator with a divide-by-two quadrature genera-
tor, high dynamic range IF amplifiers with voltage-controlled
gain, a low dropout regulator and power-down control inputs.
I and Q Modulator
The I and Q modulator accepts differential quadrature baseband
inputs from CDMA baseband converters. The LO is injected at
twice the IF frequency. A divide-by-two quadrature generator
followed by dual polyphase filters ensures
±1° quadrature accu-
racy (Figure 22).
For 500 mV p-p differential I and Q input signals, the output
power of the modulator will be –21 dBm referred to 1 k
Ω when
the output of the modulator is loaded with a 1 k
Ω differential
load. With the maximum input conditions stated above, the
modulator outputs are a 225
µA p-p differential current; conse-
quently, the output load will greatly affect the output power of
the modulator.
2
180
2
POLYPHASE
FILTERS
I
Q
I
Q
2
IF
LO INPUT
QUADRATURE
OUTPUT TO
MODULATOR
Figure 22. Simplified Quadrature Generator Circuit
The I and Q modulator also provides a common mode reference
signal at the MODCMREF pin. This voltage is a dc voltage set
to 1.408 V when a 2.7 V supply is used. It is used to dc bias
the output of the DAC that provides I and Q inputs to the
modulator.
IF Amplifiers and Gain Control
The IF amplifiers provide an 86 dB linear in dB gain control
range. The input stage uses a differential, continuously variable
attenuator based on Analog Devices’ patented X-AMP™ topol-
ogy. This low noise attenuator consists of a differential R-2R
ladder network, linear interpolator and a fixed gain amplifier.
The IF amplifier’s input impedance is 1 k
Ω differential. Similar
to the I and Q modulator’s output, the IF amplifier’s output is a
differential current, which will vary depending upon the gain
control voltage. In order to achieve the specified gain, the out-
put of the IF amplifiers should be loaded with a 1 k
Ω differen-
tial load.
The gain control circuits contain both temperature compensa-
tion circuitry and a choice of internal or external reference for
adjusting the gain scale factor. The gain control input accepts
an external gain control voltage input from a DAC. It provides
97 dB of gain control range with a nominal 75 dB/V scale factor.
The external gain control input signal should be a clean signal.
It is recommended to filter this signal in order to eliminate the
noise that results from the DAC. If a noisy signal is used for the
gain control voltage, VGAIN inband and adjacent channel noise
peaking can occur at the output of the AD6122. A simple RC
filter can be employed, but care should be taken with its design.
If too big a resistor is used, a large voltage drop may occur
across the resistor, resulting in lower gain than expected (as a
result of a lower voltage reaching the AD6122). An RC filter
with a 20 kHz bandwidth, employing a 1 k
Ω resistor is appropri-
ate. This results in an 8.2 nF capacitor. The resulting circuit
is shown in Figure 23. Note that the input resistance at the
VGAIN pin is approximately 100 k
Ω.
FROM
BASEBAND
CONVERTER
AD6122
VGAIN
1k
8.2nF
109k
Figure 23. Gain Voltage Filtering
I INPUT
Q INPUT
LOCAL
OSCILLATOR
INPUT
ATTENUATOR
COMMON-MODE
REFERENCE
OUTPUT
VREG
POWER-
DOWN 1
1.23 V
REFERENCE
OUTPUT
VPOS
TEMPERATURE
COMPENSATION
GAIN CONTROL
VOLTAGE
INPUT
GAIN CONTROL
REFERENCE
VOLTAGE
INPUT
TRANSMIT
OUTPUT
IF AMPLIFIERS
QUADRATURE MODULATOR
VCC
POWER-
DOWN 2
IF AMPLIFIER
INPUT
QUADRATURE
MODULATOR
OUTPUT
2
AD6122
GAIN
CONTROL
SCALE
FACTOR
LOW
DROPOUT
REGULATOR
Figure 21. Block Diagram
X-AMP is a trademark of Analog Devices, Inc.


Số phần tương tự - AD6122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
More results

Mô tả tương tự - AD6122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD6121 AD-AD6121_15 Datasheet
688Kb / 16P
   CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
REV. B
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com