công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AME8530 bảng dữ liệu(PDF) 9 Page - Analog Microelectronics

tên linh kiện AME8530
Giải thích chi tiết về linh kiện  Micropower UP Watch Dog Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AME [Analog Microelectronics]
Trang chủ  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8530 bảng dữ liệu(HTML) 9 Page - Analog Microelectronics

Back Button AME8530 Datasheet HTML 5Page - Analog Microelectronics AME8530 Datasheet HTML 6Page - Analog Microelectronics AME8530 Datasheet HTML 7Page - Analog Microelectronics AME8530 Datasheet HTML 8Page - Analog Microelectronics AME8530 Datasheet HTML 9Page - Analog Microelectronics AME8530 Datasheet HTML 10Page - Analog Microelectronics AME8530 Datasheet HTML 11Page - Analog Microelectronics AME8530 Datasheet HTML 12Page - Analog Microelectronics AME8530 Datasheet HTML 13Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AME, Inc.
9
AME8510 / 8520 / 8530
Micropower
µµµµµP Watch Dog Timer
n Detailed Description
The AME8510/8520/8530 are designed to interface with
the reset input of a microprocessor and to prevent CPU
execution errors due to power up, power down, and other
power supply errors. The AME8510/8520 also monitor
the CPU health by checking for signal transitions from
the CPU at the WDI input.
Reset Output
Each output pin in the family can be configured to be
either push/pull or open drain. In addition each output
may be either active high or active low with the condition
that parts with two outputs must have opposite polari-
ties. Active high reset outputs are denoted as RESET.
Active low reset outputs are denoted as RESETB. The
selection guide on page 3 of this data sheet shows all
possible combinations of output driver configuration.
A reset will be asserted if any of three things happen:
1) V
DD drops below the threshold (VTH)
2) The MRB pin is pulled low.
3) The WDI pin does not detect a transition
within the watch dog interval (T
WD).
The reset will remain asserted for the prescribed reset
interval after:
1) V
DD rises above the threshold (VTH)
2) MRB goes high
3) The watch dog timer has timed out causing
the reset to assert.
Manual Reset Input
The AME8510 and AME8530 feature a manual reset
feature (MRB). A logic low on the MRB pin asserts a
reset. The reset remains asserted as long as the MRB
pin remains low. After the MRB pin transitions to a high
state the reset remains asserted for the prescribed reset
interval (T
D2). The MRB pin is internally pulled up to VDD
by a 100K
Ω resistor. It is internally debounced to reject
switching transients.
The MRB pin is ESD protected by diodes connected
to V
DD and GND. So the MRB pin should never be driven
higher than V
DD or lower than GND.
Watchdog Input
The AME8510 and AME8520 are equipped with a watch-
dog input (WDI). If the microprocessor does not produce
a valid logic edge at the the watchdog input (WDI) within
the prescribed watchdog interval (T
WD) then a reset as-
serts. The reset remains asserted for the required reset
interval (T
D2) At the end of the reset interval the reset is
deasserted and the watchdog interval timer starts again
from zero.
If the watchdog input is left unconnected or is con-
nected to a tri-stated buffer the watchdog function is dis-
abled. As soon as the WDI input is driven either low or
high the watchdog function resumes with the watchdog
timer set to zero.
Reset Timing Diagram
WDI
RESETB
VDD
V
TH
T
WD
T
D2
T
D2
Watchdog Timing Diagram
V
DD
RESETB
RESET
T
D2
V
Release
V
TH
T
D1
T
D2
T
D1
50%
50%
50%
50%


Số phần tương tự - AME8530

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Microelectronics
AME8530 AME-AME8530 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
More results

Mô tả tương tự - AME8530

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
   3 1/2 Digit Timer Watch
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com