công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AME8510AEEVAFE31 bảng dữ liệu(PDF) 2 Page - Analog Microelectronics

tên linh kiện AME8510AEEVAFE31
Giải thích chi tiết về linh kiện  Micropower UP Watch Dog Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AME [Analog Microelectronics]
Trang chủ  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8510AEEVAFE31 bảng dữ liệu(HTML) 2 Page - Analog Microelectronics

  AME8510AEEVAFE31 Datasheet HTML 1Page - Analog Microelectronics AME8510AEEVAFE31 Datasheet HTML 2Page - Analog Microelectronics AME8510AEEVAFE31 Datasheet HTML 3Page - Analog Microelectronics AME8510AEEVAFE31 Datasheet HTML 4Page - Analog Microelectronics AME8510AEEVAFE31 Datasheet HTML 5Page - Analog Microelectronics AME8510AEEVAFE31 Datasheet HTML 6Page - Analog Microelectronics AME8510AEEVAFE31 Datasheet HTML 7Page - Analog Microelectronics AME8510AEEVAFE31 Datasheet HTML 8Page - Analog Microelectronics AME8510AEEVAFE31 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AME, Inc.
2
Micropower
µµµµµP Watch Dog Timer
AME8510 / 8520 / 8530
AME8510 AME8520 AME8530
111
RESET/
RESETB
This pin may be either RESET or RESETB.
RESETB is active
low. In the case of the AME8520 and AME8530 this pin will
always be the opposite polarity from pin 3. This pin can be
push/pull or open drain.
222GND
Ground
N/A
3
3
RESET/
RESETB
This pin may be either RESETB or RESET.
RESET is active
high. In the case of the AME8520 and AME8530 this pin will
always be the opposite polarity from pin 1. This pin can be
either push/pull or open drain.
3N/A
4
MRB
Manual Reset. Active low. Pulling this pin low forces a reset.
After a low to high transition reset remains asserted for exactly
one reset timeout period. This pin is internally pulled high. If
this function is unused then float this pin or tie it to VDD.
4
4
N/A
WDI
Watch Dog Input. Any transition on this pin will reset the watch
dog timer. If this pin remains high or low for longer than the
watch dog interval then a reset is asserted. Float or tristate this
pin to disable the watch dog feature.
555
VDD
Positive power supply. A reset is asserted after this voltage
drops below a predetermined level. After VDD rises above that
level reset remains asserted until the end of the reset timeout
period.
Pin Name
Pin Description
Pin #
n Pin Description


Số phần tương tự - AME8510AEEVAFE31

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
More results

Mô tả tương tự - AME8510AEEVAFE31

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
   3 1/2 Digit Timer Watch
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com