công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS1812JFX7RYBB103 bảng dữ liệu(PDF) 11 Page - YAGEO Corporation |
|
CS1812JFX7RYBB103 bảng dữ liệu(HTML) 11 Page - YAGEO Corporation |
11 / 19 page 11 19 NPO & X7R Soft Termination 16V to 3KV Surface-Mount Ceramic Multilayer Capacitors Product specification www.yageo.com Jan. 26, 2017 V.3 CAP. 1808 1812 1000V 2000V 3000V 50V 100V 250V 500V 630V 1000V 2000V 100 pF 150 pF 220 pF 330 pF HB HB HD 470 pF HB HB HD 680 pF HB HB HD 1.0 nF HB HB HE 1.5 nF HB HB HE 2.2 nF HB HD IA IA IA ID IE IE IE 3.3 nF HB IA IA IA ID IE IE IE 4.7 nF HB IA IA IA ID IE IE IE 6.8 nF HD IA IA IA ID IE IE 10 nF HD IA IA IA ID IE IE 15 nF IA IA IA ID IE IE 22 nF IA IA IA ID IE IE 33 nF IA IA IA ID IF IF 47 nF IA IA ID ID 68 nF IA IA ID ID 100 nF IB ID ID IF 150 nF IB ID ID 220 nF IB ID IF 330 nF IB ID IF 470 nF IB IF IF 680 nF IF IF 1000 nF IF IF 2.2 µF Tape width 12 mm NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-6 series is on request 3. For product with 5% tolerance, please contact local sales force before ordering Table 9 X7R / 1808 to 1812 CAPACITANCE RANGE & THICKNESS |
Số phần tương tự - CS1812JFX7RYBB103 |
|
Mô tả tương tự - CS1812JFX7RYBB103 |