công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SZNUP4114HMR6T1G bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện SZNUP4114HMR6T1G
Giải thích chi tiết về linh kiện  Transient Voltage Suppressors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUP4114HMR6T1G bảng dữ liệu(HTML) 6 Page - ON Semiconductor

  SZNUP4114HMR6T1G Datasheet HTML 1Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 2Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 3Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 4Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 5Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 6Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 7Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 8Page - ON Semiconductor SZNUP4114HMR6T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NUP4114 Series, SZNUP4114 Series
http://onsemi.com
6
Implementing this topology with discrete devices does have
disadvantages. This configuration is shown below:
VCC
D1
D2
Data Line
IESDpos
IESDneg
VF + VCC
−VF
IESDpos
IESDneg
Power
Supply
Protected
Device
Looking at the figure above, it can be seen that when a
positive ESD condition occurs, diode D1 will be forward
biased while diode D2 will be forward biased when a
negative ESD condition occurs. For slower transient
conditions, this system may be approximated as follows:
For positive pulse conditions:
Vc = VCC + VfD1
For negative pulse conditions:
Vc = −VfD2
ESD events can have rise times on the order of some
number of nanoseconds. Under these conditions, the effect
of parasitic inductance must be considered. A pictorial
representation of this is shown below.
VCC
D1
D2
Data Line
IESDpos
IESDneg
VC = VCC + Vf + (L diESD/dt)
IESDpos
IESDneg
Power
Supply
Protected
Device
VC = −Vf − (L diESD/dt)
An approximation of the clamping voltage for these fast
transients would be:
For positive pulse conditions:
Vc = VCC + Vf + (L diESD/dt)
For negative pulse conditions:
Vc = −Vf – (L diESD/dt)
As shown in the formulas, the clamping voltage (Vc) not
only depends on the Vf of the steering diodes but also on the
L diESD/dt factor. A relatively small trace inductance can
result in hundreds of volts appearing on the supply rail. This
endangers both the power supply and anything attached to
that rail. This highlights the importance of good board
layout. Taking care to minimize the effects of parasitic
inductance will provide significant benefits in transient
immunity.
Even with good board layout, some disadvantages are still
present when discrete diodes are used to suppress ESD
events across datalines and the supply rail. Discrete diodes
with good transient power capability will have larger die and
therefore higher capacitance. This capacitance becomes
problematic as transmission frequencies increase. Reducing
capacitance generally requires reducing die size. These
small die will have higher forward voltage characteristics at
typical ESD transient current levels. This voltage combined
with the smaller die can result in device failure.
The ON Semiconductor NUP4114 was developed to
overcome the disadvantages encountered when using
discrete diodes for ESD protection. This device integrates a
TVS diode within a network of steering diodes.
Figure 7. NUP4114 Equivalent Circuit
5
3
6
2
1
4
During an ESD condition, the ESD current will be driven
to ground through the TVS diode as shown below.
VCC
D1
D2
Data Line
IESDpos
Power
Supply
Protected
Device
The resulting clamping voltage on the protected IC will
be:
Vc = VF + VTVS.
The clamping voltage of the TVS diode depends on the
magnitude of the ESD current. The steering diodes are fast
switching devices with unique forward voltage and low
capacitance characteristics.


Số phần tương tự - SZNUP4114HMR6T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SZNUP4114HMR6T1G ONSEMI-SZNUP4114HMR6T1G Datasheet
174Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low
May, 2012 ??Rev. 2
More results

Mô tả tương tự - SZNUP4114HMR6T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com