công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SZNUP2201MR6T1G bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
SZNUP2201MR6T1G bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2013 February, 2013 − Rev. 4 1 Publication Order Number: NUP2201MR6/D NUP2201MR6, SZNUP2201MR6 Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage The NUP2201MR6 transient voltage suppressor is designed to protect high speed data lines from ESD, EFT, and lightning. Features • Low Clamping Voltage • Stand−Off Voltage: 5 V • Low Leakage • Protection for the Following IEC Standards: IEC 61000−4−2 Level 4 ESD Protection • UL Flammability Rating of 94 V−0 • SZ Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable • These Devices are Pb−Free and are RoHS Compliant Typical Applications • High Speed Communication Line Protection • USB 1.1 and 2.0 Power and Data Line Protection • Digital Video Interface (DVI) • Monitors and Flat Panel Displays MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) Rating Symbol Value Unit Peak Power Dissipation 8 x 20 mS @ TA = 25°C (Note 1) Ppk 500 W Operating Junction Temperature Range TJ −40 to +125 °C Storage Temperature Range Tstg −55 to +150 °C Lead Solder Temperature − Maximum (10 Seconds) TL 235 °C Human Body Model (HBM) Machine Model (MM) IEC 61000−4−2 Air (ESD) IEC 61000−4−2 Contact (ESD) ESD 16000 400 20000 20000 V IEC 61000−4−4 (5/50 ns) EFT 40 A Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Non−repetitive current pulse per Figure 5 (Pin 5 to Pin 2) See Application Note AND8308/D for further description of survivability specs. TSOP−6 LOW CAPACITANCE DIODE TVS ARRAY 500 WATTS PEAK POWER 6 VOLTS Device Package Shipping† ORDERING INFORMATION NUP2201MR6T1G TSOP−6 (Pb−Free) 3000 / Tape & Reel TSOP−6 CASE 318G PIN CONFIGURATION AND SCHEMATIC 6 I/O 5 VP 4 N/C I/O 1 VN 2 N/C 3 http://onsemi.com SZNUP2201MR6T1G TSOP−6 (Pb−Free) 3000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. MARKING DIAGRAM 62 MG G 1 6 62 = Specific Device Code M = Date Code G = Pb−Free Package (Note: Microdot may be in either location) 1 |
Số phần tương tự - SZNUP2201MR6T1G |
|
Mô tả tương tự - SZNUP2201MR6T1G |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |