công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SZNUP3105L bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện SZNUP3105L
Giải thích chi tiết về linh kiện  Dual Line CAN Bus Protector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUP3105L bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  SZNUP3105L Datasheet HTML 1Page - ON Semiconductor SZNUP3105L Datasheet HTML 2Page - ON Semiconductor SZNUP3105L Datasheet HTML 3Page - ON Semiconductor SZNUP3105L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUP3105L, SZNUP3105L
www.onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C, unless otherwise specified)
Symbol
Rating
Value
Unit
PPK
Peak Power Dissipation
8 x 20
ms Double Exponential Waveform (Note 1)
350
W
TJ
Operating Junction Temperature Range
−55 to 150
°C
TJ
Storage Temperature Range
−55 to 150
°C
TL
Lead Solder Temperature (10 s)
260
°C
ESD
Human Body model (HBM)
Machine Model (MM)
IEC 61000−4−2 Specification (Contact)
8.0
400
30
kV
V
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Non−repetitive current pulse per Figure 1.
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VRWM
Reverse Working Voltage
(Note 2)
32
V
VBR
Breakdown Voltage
IT = 1 mA (Note 3)
35.6
V
IR
Reverse Leakage Current
VRWM = 32 V
100
nA
VC
Clamping Voltage
IPP = 5 A (8/20 ms Waveform)
(Note 4)
59
V
VC
Clamping Voltage
IPP = 8 A (8/20 ms Waveform)
(Note 4)
66
V
IPP
Maximum Peak Pulse Current
8/20
ms Waveform (Note 4)
8.0
A
CJ
Capacitance
VR = 0 V, f = 1 MHz (Line to GND)
30
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.
4. Pulse waveform per Figure 1.
TYPICAL PERFORMANCE CURVES
(TJ = 25°C unless otherwise noted)
Figure 1. Pulse Waveform, 8/20
ms
110
90
80
70
60
50
40
30
20
10
0
0
5
15
25
t, TIME (
ms)
WAVEFORM
PARAMETERS
tr = 8 ms
td = 20 ms
td = IPP/2
30
Figure 2. Clamping Voltage vs Peak Pulse Current
12.0
10.0
8.0
6.0
4.0
2.0
45
60
VC, CLAMPING VOLTAGE (V)
50
55
65
70
100
10
20
c−t
PULSE WAVEFORM
8 x 20
ms per Figure 1


Số phần tương tự - SZNUP3105L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
SZNUP3105LT1G ONSEMI-SZNUP3105LT1G Datasheet
57Kb / 4P
   Dual Line CAN Bus Protector
November, 2014 ??Rev. 0
SZNUP3105LT3G ONSEMI-SZNUP3105LT3G Datasheet
57Kb / 4P
   Dual Line CAN Bus Protector
November, 2014 ??Rev. 0
More results

Mô tả tương tự - SZNUP3105L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
   Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
   Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
   Dual Line CAN Bus Protector
logo
ON Semiconductor
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
   Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
logo
Diodes Incorporated
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
   DUAL LINE CAN BUS PROTECTOR
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
   DUAL LINE CAN BUS PROTECTOR
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
   Dual Line CAN Bus Protector
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L_05 Datasheet
77Kb / 8P
   Dual Line CAN Bus Protector
July, 2005 ??Rev. 4
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
   Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA36CDT3 LEIDITECH-SDA36CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com