công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SZPACDN004SR bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện SZPACDN004SR
Giải thích chi tiết về linh kiện  2-Channel ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZPACDN004SR bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  SZPACDN004SR Datasheet HTML 1Page - ON Semiconductor SZPACDN004SR Datasheet HTML 2Page - ON Semiconductor SZPACDN004SR Datasheet HTML 3Page - ON Semiconductor SZPACDN004SR Datasheet HTML 4Page - ON Semiconductor SZPACDN004SR Datasheet HTML 5Page - ON Semiconductor SZPACDN004SR Datasheet HTML 6Page - ON Semiconductor SZPACDN004SR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2015
July, 2015 − Rev. 5
1
Publication Order Number:
PACDN004/D
PACDN004, SZPACDN004
2-Channel ESD Protection
Array
Product Description
The PACDN004 is a diode array designed to provide two channels
of ESD protection for electronic components or sub−systems. Each
channel consists of a pair of diodes which steers the ESD current pulse
either to the positive (VP) or negative (VN) supply. The PACDN004
will protect against ESD pulses up to
±15 kV Human Body Model,
and
±8 kV contact discharge per International Standard
IEC 61000−4−2.
This device has identical characteristics as the PACDN006
(6−channel array). They can be used together in order to provide
a larger number of protected inputs if required. This device is
particularly well−suited for a wide range of portable electronics
(e.g. cellular phones, PDAs, notebook computers) because of its small
package footprint, high ESD protection level and low loading
capacitance. It is also suitable for protecting video output lines and I/O
ports in computers and peripherals.
The PACDN004 is available with RoHS compliant lead−free
finishing.
Features
Two Channels of ESD Protection
±8 kV Contact, ±15 kV Air ESD Protection per Channel
(IEC 61000−4−2 Standard)
±15 kV of ESD Protection per Channel (HBM)
Low Loading Capacitance of 3 pF Typical
Low Leakage Current is Ideal for Battery−Powered Devices
Miniature 4−Pin SOT−143 Package
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Consumer Electronic Products
Cellular Phones
PDAs
Notebook Computers
Desktop PCs
Digital Cameras and Camcorders
VGA (Video) Port Protection for Desktop and Portable PCs
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
www.onsemi.com
PACDN004SR
SOT−143
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
D014
= PACDN004SR
D014
SOT−143
PACDN004SR
CASE 527AF
SIMPLIFIED ELECTRICAL SCHEMATIC
CH2
3
2
4
1
CH1
VN
VP
SZPACDN004SR
SOT−143
(Pb−Free)
3000/Tape & Reel
SOT−143
SZPACDN004SR
CASE 318A


Số phần tương tự - SZPACDN004SR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
SZP-5026Z-EVB1 SIRENZA-SZP-5026Z-EVB1 Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
More results

Mô tả tương tự - SZPACDN004SR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
California Micro Device...
PACDN004 CALMIRCO-PACDN004 Datasheet
135Kb / 3P
   2 CHANNEL ESD PROTECTION ARRAY
logo
ON Semiconductor
PACDN004 ONSEMI-PACDN004 Datasheet
107Kb / 9P
   2-Channel ESD Protection Array
May 2010 Rev. 3
logo
Diodes Incorporated
DM1231-02SO DIODES-DM1231-02SO Datasheet
423Kb / 5P
   2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
logo
SYNC POWER Crop.
SPE0332 SYNC-POWER-SPE0332 Datasheet
352Kb / 7P
   2-Line ESD Protection Array
2019/06/05 Ver 1
SPE0512 SYNC-POWER-SPE0512 Datasheet
219Kb / 7P
   2-Line ESD Protection Array
SPE1212_0911 SYNC-POWER-SPE1212_0911 Datasheet
194Kb / 7P
   2-Line ESD Protection Array
SPE0522 SYNC-POWER-SPE0522 Datasheet
221Kb / 7P
   2-Line ESD Protection Array
SPE0512 SYNC-POWER-SPE0512_11 Datasheet
191Kb / 7P
   2-Line ESD Protection Array
SPE0532 SYNC-POWER-SPE0532 Datasheet
241Kb / 7P
   2-Line ESD Protection Array
SPE1212 SYNC-POWER-SPE1212 Datasheet
225Kb / 7P
   2-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com