công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SZSL24T1G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện SZSL24T1G
Giải thích chi tiết về linh kiện  Capacitance TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZSL24T1G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  SZSL24T1G Datasheet HTML 1Page - ON Semiconductor SZSL24T1G Datasheet HTML 2Page - ON Semiconductor SZSL24T1G Datasheet HTML 3Page - ON Semiconductor SZSL24T1G Datasheet HTML 4Page - ON Semiconductor SZSL24T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2001
October, 2016 − Rev. 10
1
Publication Order Number:
SL05T1/D
SL05T1G Series
300 Watt, SOT-23 Low
Capacitance TVS for High
Speed Line Protections
This family of TVS offers transient overvoltage protection with
significantly reduced capacitance. The capacitance is lowered by
integrating a compensating diode in series. This integrated solution
offers ESD protection for high speed interfaces such as communication
systems, computers, and computer peripherals.
Features
TVS Diode in Series with a Compensating Diode Offers <5 pF
Capacitance
ESD Protection Meeting IEC 61000−4−2, 4−4, 4−5
Peak Power Rating of 300 W, 8 × 20 ms
Bi−Direction Protection Can Be Achieved By Using Two Devices
Flammability Rating UL 94 V−0
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
Package designed for optimal automated board assembly
Small package size for high density applications
Available in 8 mm Tape and Reel
Use the Device Number to order the 7 inch/3,000 unit reel.
Replace the “T1” with “T3” in the Device Number to order the
13 inch/10,000 unit reel.
SOT−23 (TO−236)
CASE 318
STYLE 26
2
1
3 (NC)
1
2
3
Device
Package
Shipping
ORDERING INFORMATION
SL05T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
SL15T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
SL24T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
Lxx M
G
G
MARKING
DIAGRAM
See specific marking information in the device marking
column of the table on page 2 of this data sheet.
DEVICE MARKING INFORMATION
Lxx = Device Code
xx = 05, 12, 15, or 24
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may vary
depending upon manufacturing location.
SZSL24T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
SZSL15T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
SZSL05T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
SL12T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SZSL12T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
www.onsemi.com


Số phần tương tự - SZSL24T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PHOENIX CONTACT
SZS-0 PHOENIX-SZS-0 Datasheet
65Kb / 3P
   Screwdriver, bladed, VDE insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip
SZS-1 PHOENIX-SZS-1 Datasheet
65Kb / 3P
   The tools feature ergonomic two-component safety handles
logo
ON Semiconductor
SZSD05T1 ONSEMI-SZSD05T1 Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
SZSD05T1G ONSEMI-SZSD05T1G Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
SZSD12T1G ONSEMI-SZSD12T1G Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
More results

Mô tả tương tự - SZSL24T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nanjing International G...
SD05 DGNJDZ-SD05 Datasheet
203Kb / 4P
   STANDARD CAPACITANCE TVS
logo
SUNMATE electronic Co.,...
PEDSD12C SUNMATE-PEDSD12C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6 Datasheet
195Kb / 3P
   Low Capacitance TVS
logo
SUNMATE electronic Co.,...
PEDSD03C SUNMATE-PEDSD03C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6_V01 Datasheet
636Kb / 4P
   Low Capacitance TVS
logo
Applied Power Microelec...
LC03-6 APMICRO-LC03-6 Datasheet
1Mb / 8P
   Low Capacitance TVS
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
SEBLCXX BWTECH-SEBLCXX Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
SEBLC BWTECH-SEBLC Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com