công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P-MRJ-5AXX-X1 bảng dữ liệu(PDF) 1 Page - Amphenol Corporation

tên linh kiện P-MRJ-5AXX-X1
Giải thích chi tiết về linh kiện  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MRJ-5AXX-X1 bảng dữ liệu(HTML) 1 Page - Amphenol Corporation

  P-MRJ-5AXX-X1 Datasheet HTML 1Page - Amphenol Corporation P-MRJ-5AXX-X1 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SERIES, RUGGED RJ
RECEPTACLE, RIGHT ANGLE,
ON PCB WITH HOLES FOR WIRING
NUMBER OF CONTACTS:
8 = 8 CONTACTS
A = 10 CONTACTS
LED OPTION:
0 = NONE
1 = LEFT GREEN, RIGHT YELLOW
4 = LEFT YELLOW, RIGHT GREEN
5 = LEFT GREEN, RIGHT GREEN
MOUNTING HOLE THREAD OPTION:
0 = #4-40 UNC THREAD
M = M3 X 0.5 THREAD
SINGLE PORT
ORDERING CODE:
M R J - 5 A X X - X 1
RIGHT LED
CODE
LEFT LED
SEE ORDERING
5.50 [.217] DEEP THREADED HOLES.
SEE ORDERING CODE THREAD OPTION.
.177
.945
24.00
9.00
.354
4.50
19.24
.757
REF
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
03554
AUG05/16
K.L.
ANGULAR DEGREES
2
F
SCALE:
REV
DWG.
NO.
6
OF
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-MRJ-5AXX-X1
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
1
SHEET
RoHS COMPLIANT
L.KIM
E
PRODUCT DRAWING (EAR 14166)
APR18/13
K.L.
DWG SIZE:
ON PCB WITH HOLES FOR WIRING,
8 OR 10 POSITION, RIGHT ANGLE,
DRAWING
A.GREEN
MAR08/07
MAR08/07
PRODUCT DRAWING (EAR 14166)
3:1
X
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
ANGLE
UNLESS SPECIFIED OTHERWISE
0.15
THIRD
MRJ SERIES RUGGED MODULAR JACK,
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
F
9.
CUSTOMER TO VERIFY THAT ALL PROCESS CLEANERS ARE COMPATIBLE WITH
STEEL SCREWS WITH 3.00 [.118] MINIMUM THREAD ENGAGEMENT.
POLYCARBONATE MATERIAL.
8.
NOTES:
MATERIAL:
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU AND AMENDMENTS
SHELL - DIECAST ZINC ALLOY, NICKEL PLATED
CONTACTS - PHOSPHOR BRONZE WITH 1.27 µm [50 µ"] GOLD OVER 1.27 µm [50 µ"] MINIMUM
NICKEL ON THE MATING AREA AND MATTE TIN OVER NICKEL ON THE CONTACT TAILS.
INSERTS - ENGINEERING THERMOPLASTIC, FLAMMABILITY RATING UL94V-0
REAR INSERTS: BLACK NYLON, FRONT INSERT: CLEAR POLYCARBONATE
LED'S - EPOXY LENS, STEEL TAILS WITH TIN PLATING
GASKET - SILICONE RUBBER
PCB - FR-4 FIBERGLASS, LEAD FREE
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL BETWEEN MATING AREA
2.
AND PCB SIDE OF CONNECTOR. GASKET PROVIDES SEAL TO INSIDE FACE OF PANEL.
CURRENT RATING: 1.5 AMPERES.
3.
CONTACT RESISTANCE: 50 MILLIOHMS MAXIMUM (SUBJECT TO VERIFICATION).
4.
OPERATING TEMPERATURE: -40°C TO +105°C.
5.
LED CHARACTERISTICS: FORWARD DC CURRENT 25 mA MAX, FORWARD VOLTAGE
6.
2.5 V MAX @ 2 mA.
AVAILABLE MATING AREA COVERS PROVIDE ADDED PROTECTION. CONSULT WITH AMPHENOL
7.
CANADA FOR DETAILS.
RECOMMENDED TORQUE FOR PANEL MOUNT SCREWS: 0.45 TO 0.65 Nm [4.0 TO 5.75 IN-LBS] FOR
SPECIAL CONNECTORS
MANY UNIQUE FEATURES ARE READILY
AVAILABLE TO SUIT CUSTOMER
REQUIREMENTS. CONSULT WITH
AMPHENOL CANADA FOR DETAILS.
DATE CODE
INK MARKING
38.39
1.511
REF.
18.00±0.25
.709±.010
8.90
.350
2.50
.098
14.00
.551
16.70±0.40
.657±.016
2.54±0.50
.100±.020
29.49±1.00
1.161±.039
1.193±.010
30.30±0.25
.630
16.00
34.04±0.50
1.340±.020


Số phần tương tự - P-MRJ-5AXX-X1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
P-MRJ-518X-X1 AMPHENOL-P-MRJ-518X-X1 Datasheet
76Kb / 2P
   d-sub technical data
P-MRJ-518X-XB AMPHENOL-P-MRJ-518X-XB Datasheet
75Kb / 2P
   d-sub technical data
P-MRJ-518X-XF AMPHENOL-P-MRJ-518X-XF Datasheet
100Kb / 2P
   d-sub technical data
P-MRJ-53XX-X1 AMPHENOL-P-MRJ-53XX-X1 Datasheet
97Kb / 2P
   MRJ SERIES RUGGED MODULAR JACK, 8 & 10 POSITION RIGHT ANGLE WITH LED, TAIL LENGTH & THREAD OPTIONS, RoHS COMPLIANT
P-MRJ-548X-X1 AMPHENOL-P-MRJ-548X-X1 Datasheet
70Kb / 2P
   d-sub technical data
More results

Mô tả tương tự - P-MRJ-5AXX-X1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com