công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P-FS1-SF2-1XXX bảng dữ liệu(PDF) 1 Page - Amphenol Corporation

tên linh kiện P-FS1-SF2-1XXX
Giải thích chi tiết về linh kiện  d-sub technical data
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-FS1-SF2-1XXX bảng dữ liệu(HTML) 1 Page - Amphenol Corporation

  P-FS1-SF2-1XXX Datasheet HTML 1Page - Amphenol Corporation P-FS1-SF2-1XXX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PART NUMBER: FS1-SF2-14F1 SHOWN
(CAGE ASSEMBLY WITH FOAM GASKET
AND 8mm MOUNTING SCREWS SHIPPED BULK)
PART NUMBER: FS1-SF2-14E1 SHOWN
(CAGE ASSEMBLY WITH STAINLESS STEEL GASKET
AND 8mm MOUNTING SCREWS SHIPPED BULK)
PART NUMBER: FS1-SF2-14C1 SHOWN
(CAGE ASSEMBLY WITH ELASTOMERIC GASKET
AND 8mm MOUNTING SCREWS SHIPPED BULK)
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
SHEET
1 OF 2
AB
SCALE:
REV
DWG.
NO.
6
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenol-highspeed.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-FS1-SF2-1XXX
MINI SAS "0" DEGREE
2 PORT CAGE
ZLJ
S
ELASTOMERIC GASKET OPTION ADDED
SEP 15/09
ZLJ
DWG SIZE:
DO NOT
SCALE
DRAWING
LAN 06/09
ZLJ
03554
NTS
C
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
THIRD
ANGLE
PROJECTION
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
ANGULAR DEGREES
0.30
0.20
0.10
1.0
MILLIMETERS
MILLIMETERS
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
JAN 14/10
TZLJ
DETAIL H ADDED
JAN 06/09
ZLJ
JAN 30/13
NO GASKET OPTION ADDED
AA
AB
CORRECTED VIEW
MAY 17/13
ZLJ
F S1 - S F 2 - 1 X X X
MOUNTING SCREW OPTION
1 = 8 mm MOUNTING SCREW SHIPPED BULK IN SAME TRAYS WITH CAGE ASSEMBLIES
2 = NO MOUNTING SCREW SUPPLIED
3 = 10 mm MOUNTING SCREW WITH LOCK WASHER SHIPPED BULK IN SAME TRAYS WITH CAGE ASSEMBLIES
GASKET OPTION
N = NO GASKET
E = STAINLESS STEEL EMI GASKET
F = FOAM, CHOMERICS SOFT SHIELD 4800, EMI GASKET
C = CONDUCTIVE ELASTOMER, CHOMERICS C6305
KEYING OPTION (SEE BELOW TABLE FOR FURTHER CLARIFICATION)
0 = NO KEY
1 = KEY #1 (IN ALL PORTS)
2 = KEY #2 (IN ALL PORTS)
4 = KEY #4 (IN ALL PORTS)
6 = KEY #6 (IN ALL PORTS)
7 = KEY #7 (IN ALL PORTS)
D22 = KEY #2 AND #4 (IN ALL PORTS)
D66 = KEY #4 AND #6 (IN ALL PORTS)
D26 = KEY #2 AND #4 IN LEFT PORT / KEY #4 AND #6 IN RIGHT PORT
D62 = KEY #4 AND #6 IN LEFT PORT / KEY #2 AND #4 IN RIGHT PORT
Left Key Option Right Key Option
Part Number
Description
0
0
FS1-SF2-10XX
No Key
1
1
FS1-SF2-11XX
SATA 'X' Cable
4
4
FS1-SF2-14XX
SAS Universal Port
7
7
FS1-SF2-17XX
SATA 'M' Cable
2, 4
2, 4
FS1-SF2-1D22XX SAS Out Port
4, 6
4, 6
FS1-SF2-1D66XX SAS In Port
2, 4
4, 6
FS1-SF2-1D26XX SAS Out/In Port
4, 6
2, 4
FS1-SF2-1D62XX SAS In/Out Port


Số phần tương tự - P-FS1-SF2-1XXX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
P-FS1-SF1-1XXX AMPHENOL-P-FS1-SF1-1XXX Datasheet
142Kb / 2P
   d-sub technical data
More results

Mô tả tương tự - P-FS1-SF2-1XXX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com