công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS110 bảng dữ liệu(PDF) 1 Page - HY ELECTRONIC CORP.

tên linh kiện SS110
Giải thích chi tiết về linh kiện  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HY [HY ELECTRONIC CORP.]
Trang chủ  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SS110 bảng dữ liệu(HTML) 1 Page - HY ELECTRONIC CORP.

  SS110 Datasheet HTML 1Page - HY ELECTRONIC CORP. SS110 Datasheet HTML 2Page - HY ELECTRONIC CORP. SS110 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
For surface mounted applications
Metal-Semiconductor junction with guarding
Epitaxial construction
Very low forward voltage drop
High current capability
●Plastic material has UL flammability
classification 94V-0
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications.
MECHANICAL DATA
Case: Molded Plastic
Polarity: lndicated by cathode band
Weight: 0.002 ounces,0.053 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
SS12
SS13
SS14
SS15
SS16
SS18
SS110
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
V
Maximum Average Forward
Rectified Current
@TL=100 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load (JEDEC Method)
Maximum Forward Voltage at 1.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Typical Junction Capacitance (Note1)
CJ
pF
Typical Thermal Resistance (Note2)
RθJL
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
3.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
SS12 thru SS110
SURFACE MOUNT
REVERSE VOLTAGE - 20 to 100 Volts
SCHOTTKY BARRIER RECTIFIERS
FORWARD CURRENT - 1.0 Ampere
Dimensions in inches and (millimeters)
I(AV)
1.0
A
IFSM
30
A
0.55
0.70
0.85
IR
1.0
mA
10
110
20
-55 to + 150
-55 to + 150
NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2.Thermal resistance junction to lead.
SMA
.049(1.25)
.065(1.65)
.114(2.90)
.093(2.35)
.181(4.60)
.157(4.00)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


Số phần tương tự - SS110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Surge Components
SS110 SURGE-SS110 Datasheet
136Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere
logo
DONGGUAN YOU FENG WEI E...
SS110 YFWDIODE-SS110 Datasheet
542Kb / 3P
   SURFACE MOUNTSCHOTTKY RECTIFIERS
logo
Taiwan Semiconductor Co...
SS110 TSC-SS110 Datasheet
207Kb / 4P
   Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Ping Sheng Ele...
SS110 PFS-SS110 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS110 DGNJDZ-SS110 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - SS110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com