công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS12 bảng dữ liệu(PDF) 1 Page - HY ELECTRONIC CORP. |
|
SS12 bảng dữ liệu(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 3 page FEATURES ●For surface mounted applications ●Metal-Semiconductor junction with guarding ●Epitaxial construction ●Very low forward voltage drop ●High current capability ●Plastic material has UL flammability classification 94V-0 ●For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications. MECHANICAL DATA ●Case: Molded Plastic ●Polarity: lndicated by cathode band ●Weight: 0.002 ounces,0.053 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS SYMBOL SS12 SS13 SS14 SS15 SS16 SS18 SS110 UNIT Maximum Recurrent Peak Reverse Voltage VRRM 20 30 40 50 60 80 100 V Maximum RMS Voltage VRMS 14 21 28 35 42 56 70 V Maximum DC Blocking Voltage VDC 20 30 40 50 60 80 100 V Maximum Average Forward Rectified Current @TL=100 ℃ Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed On Rated Load (JEDEC Method) Maximum Forward Voltage at 1.0A DC VF V Maximum DC Reverse Current @TJ=25℃ at Rated DC Blocking Voltage @TJ=100℃ Typical Junction Capacitance (Note1) CJ pF Typical Thermal Resistance (Note2) RθJL ℃ /W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ 3.The typical data above is for reference only(典型值仅供参考). Rev. 7, 16-Mar-2017 SS12 thru SS110 SURFACE MOUNT REVERSE VOLTAGE - 20 to 100 Volts SCHOTTKY BARRIER RECTIFIERS FORWARD CURRENT - 1.0 Ampere Dimensions in inches and (millimeters) I(AV) 1.0 A IFSM 30 A 0.55 0.70 0.85 IR 1.0 mA 10 110 20 -55 to + 150 -55 to + 150 NOTES:1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 2.Thermal resistance junction to lead. SMA .049(1.25) .065(1.65) .114(2.90) .093(2.35) .181(4.60) .157(4.00) .002(.051) .008(.203) .208(5.28) .188(4.80) .079(2.00) .103(2.62) .060(1.52) .030(0.76) |
Số phần tương tự - SS12_17 |
|
Mô tả tương tự - SS12_17 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |