công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P-MDB-E09SA-700 bảng dữ liệu(PDF) 1 Page - Amphenol Corporation

tên linh kiện P-MDB-E09SA-700
Giải thích chi tiết về linh kiện  HOUSING: HIGH STRENGTH THERMOPLASTIC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MDB-E09SA-700 bảng dữ liệu(HTML) 1 Page - Amphenol Corporation

  P-MDB-E09SA-700 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.99
MAX
.354
1.42±0.05
.056±.002
31.81
1.252
3.48
.137
19.02
.749
10°
8.07
.318
SHELL
JACK SCREW
MOUNTING
PLASTIC MOULDED
SEALING GASKET
EPOXY SEALING
PLASTIC BOARDLOCKS
5
COMPONENT SIDE ON BOARD
6
9
1
RECOMMENDED P.C.B. LAYOUT
RECOMMENDED
KEEP OUT ZONE
1.37
.054
+
±0.05
±.002
.002
.120
±.003
.984
±0.08
24.99
+
+
10.97±0.05
±.002
.432
.000
±.002
2.74
.108
±0.05
.000
.040
-
0.05
.002
-
0.00
0.05
3.05
+
2 HOLES
1.02
0.00
2.84±0.05
.112±.002
RECOMMENDED PANEL CUTOUT
INCLUDES CLEARANCE FOR PIN CONNECTOR
.412
.984
2 PLCS
3.25
.128
24.99
10.46
R3.72
.146
4 PLACES
9.50
.374
.734
REF
18.65
0.51
.020
3.20
.126
6.28
.247
.243
6.17
16.33
.643
.197±.010
5.00±0.25
12.48
.491
0.71 [.028]
TAIL, 9 PLACES
±.012
1.213
±0.30
12.55
±.010
.112
2.84
±0.25
.494
2 PLACES
MIN. THREAD DEPTH
JACK SOCKET, 3.05 [.120]
4-40 UNC REMOVABLE
30.81
1.42
.056
.103±.012
2.62±0.30
24.99
.984
2.80
.110
H
E
1
PRODUCT DRAWING (EAR 14428)
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
G
DRAWING
K.L.
DEC11/14
ANGULAR DEGREES
P-MDB-E09SA-700
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
MDB RUGGED D-SUB CONNECTOR,
1
F
REF.
ENG. REL. NO.
0.15
THIRD
OF
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
SCALE:
REV
DWG.
NO.
APP'D
1
2
MAY17/04
2
03554
FOOTPRINT, PLASTIC SHELL, JACK
DATE
REV
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
9 SIZE SOCKET, RIGHT ANGLE 8.08 [.318]
PRODUCT DRAWING (EAR 14330)
K. BOUTROS
F
MAY17/04
FEB26/16
3:1
C
ECN E05004
DRAWN
CHECKED
M.E. APP'D
SCALE
SHEET
SOCKETS, RoHS COMPLIANT
S.SEMENOV
DWG SIZE:
DO NOT
PROJECTION
MILLIMETERS
INCHES
ANGLE
Q.A. APP'D
6
UNLESS SPECIFIED OTHERWISE
REFERENCE IN PARENTHESES
PRIMARY UNITS
SECONDARY
DWG APPR.
Amphenol Canada Corp.
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
K.L.
5.
NOTES:
MATERIAL:
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU
AND AMENDMENTS
HOUSING: HIGH STRENGTH THERMOPLASTIC, 94V-0 FLAMMABILITY
RATING, BLACK.
CONTACTS: MACHINED COPPER ALLOY, PLATED WITH 0.5 µm
(20 µ") GOLD OVER 1.27 µm (50 µ") NICKEL
GASKET: SILICONE RUBBER BLACK
JACK SOCKETS: NICKEL PLATED BRASS
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL
2.
BETWEEN MATING AREA AND PCB SIDE OF CONNECTOR. GASKET
PROVIDES SEAL TO INSIDE FACE OF ENCLOSURE PANEL.
CURRENT RATING: 5 AMPERES.
3.
CONTACT RESISTANCE: 30 MILLIOHMS MAXIMUM
4.
OPERATING TEMPERATURE: -40°C TO +105
AMPHENOL PART NUMBER: MDB-E09SA-700


Số phần tương tự - P-MDB-E09SA-700

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
P-MDB-E09SE-76X AMPHENOL-P-MDB-E09SE-76X Datasheet
75Kb / 2P
   CONNECTOR IS ROHS COMPLIANT PER EU DIRECTIVE 2002
P-MDB-E09SE-860 AMPHENOL-P-MDB-E09SE-860 Datasheet
165Kb / 2P
   PART IS RoHS COMPLIANT
More results

Mô tả tương tự - P-MDB-E09SA-700

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
P-MUSB-E151-XX AMPHENOL-P-MUSB-E151-XX Datasheet
83Kb / 2P
   USB HOUSING: ENGINEERING THERMOPLASTIC
P-MUSB-B551-XX AMPHENOL-P-MUSB-B551-XX Datasheet
79Kb / 2P
   USB HOUSING: ENGINEERING THERMOPLASTIC
logo
FCI connector
76342 FCI-CONNECTOR-76342 Datasheet
78Kb / 2P
   HOUSING MAT: THERMOPLASTIC GLASS FILLED
logo
List of Unclassifed Man...
EIA4025UPAP ETC2-EIA4025UPAP Datasheet
116Kb / 3P
   Proximity Sensors Inductive Thermoplastic Polyester Housing
logo
Carlo Gavazzi Holding A...
CA18CAN12NAM1 CARLOGAVAZZI-CA18CAN12NAM1 Datasheet
684Kb / 5P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
IA12CSF02UCM1 CARLOGAVAZZI-IA12CSF02UCM1 Datasheet
87Kb / 3P
   Proximity Sensors Inductive Thermoplastic Polyester Housing
logo
Amphenol Corporation
GSB4-111-3XX-HR AMPHENOL-GSB4-111-3XX-HR Datasheet
462Kb / 1P
   high temperature thermoplastic
GSB316441CEU AMPHENOL-GSB316441CEU Datasheet
145Kb / 2P
   high temperature thermoplastic
logo
Marathon Special Produc...
6M30AXBCU MARATHON-6M30AXBCU Datasheet
203Kb / 3P
   High Impact Thermoplastic
REV-D 02/19/2019
logo
Amphenol Corporation
GSB4-431-33X-HR AMPHENOL-GSB4-431-33X-HR Datasheet
436Kb / 1P
   high temp thermoplastic
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com