công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMT313S bảng dữ liệu(PDF) 1 Page - CUI INC

tên linh kiện AMT313S
Giải thích chi tiết về linh kiện  MODULAR COMMUTATION ENCODER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CUI [CUI INC]
Trang chủ  http://www.cui.com
Logo CUI - CUI INC

AMT313S bảng dữ liệu(HTML) 1 Page - CUI INC

  AMT313S Datasheet HTML 1Page - CUI INC AMT313S Datasheet HTML 2Page - CUI INC AMT313S Datasheet HTML 3Page - CUI INC AMT313S Datasheet HTML 4Page - CUI INC AMT313S Datasheet HTML 5Page - CUI INC AMT313S Datasheet HTML 6Page - CUI INC AMT313S Datasheet HTML 7Page - CUI INC AMT313S Datasheet HTML 8Page - CUI INC AMT313S Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
cui.com
date 10/13/2015
page 1 of 10
SERIES: AMT31
│ DESCRIPTION: MODULAR COMMUTATION ENCODER
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
start up time
200
ms
current consumption
with unloaded output
16
mA
single ended channels
output high level
output low level
output current (per channel)
rise/fall time
VDD-0.1
8
0.1
15
V
V
mA
ns
differential RS-422 channels
output high level
output low level
output current (per channel)
rise/fall time
3
7
11
0.1
20
20
V
V
mA
ns
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
90
degrees
quadrature resolutions1
48, 96, 100, 125, 192, 200, 250, 256, 384, 400, 500,
512, 768, 800, 1000, 1024, 1600, 2000, 2048, 4096
PPR
index2
one pulse per 360 degree rotation
accuracy
0.2
degrees
quadrature duty cycle
50
%
COMMUTATION CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
CMOS Voltage (S)
Quadrature Line Driver (Q)
Commutation Line Driver (C)
Line Driver (D)
A, B, Z, U, V, W
A, A, B, B, Z, Z, U, V, W
A, B, Z, U, U, V, V, W, W
A, A, B, B, Z, Z, U, U, V, V, W, W
motor poles3
2, 4, 6, 8, 10, 12, 20
waveform2
CMOS voltage square wave
phase difference
WYE motor winding configurations
120
electrical
degrees
Notes:
1. Resolutions programmed with AMT Viewpoint™ PC software. Default resolution set to 2048 PPR.
2. Zero position alignment set with AMT One Touch Zero™ module, AMT Viewpoint™ PC software, or serial commands
3. Pole counts and waveform direction set via AMT Viewpoint™ PC software. Default poles set to 4 poles and counter-clockwise direction.
FEATURES
• patented capacitive ASIC technology
• low power consumption
• U, V, W commutation phase channels
• 2, 4, 6, 8, 10, 12, 20 motor poles w/ incremental resolutions up to 4096 PPR
• resolutions and poles programmable with AMT Viewpoint™ PC software
• differential line driver versions
• digitally set zero position with AMT One Touch Zero™ module or serial commands
• compact modular package with locking hub for ease of installation
• radial and axial cable connections
• -40~105°C operating temperature
¯
¯
¯
¯
¯
¯
¯
¯
¯
¯
¯
¯
For more information, please visit the product page.


Số phần tương tự - AMT313S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CUI INC
AMT313C-0048-3175-04-CW-S CUI-AMT313C-0048-3175-04-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT313C-0096-3000-04-CW-S CUI-AMT313C-0096-3000-04-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT313C-0096-3175-04-CW-S CUI-AMT313C-0096-3175-04-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT313C-0100-3000-04-CW-S CUI-AMT313C-0100-3000-04-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT313C-0100-3175-04-CW-S CUI-AMT313C-0100-3175-04-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
More results

Mô tả tương tự - AMT313S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CUI INC
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
   COMMUTATION ENCODER
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT10 CUI-AMT10_13 Datasheet
617Kb / 8P
   MODULAR ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com