công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCH185FN104JC bảng dữ liệu(PDF) 1 Page - Rohm |
|
MCH185FN104JC bảng dữ liệu(HTML) 1 Page - Rohm |
1 / 6 page Temperature Rated voltage(V) Capacitance(pF) A ・AN(CG) (COG) (CH)Characteristic 50V Product No. MCH185A (AN)0R5C ∗ MCH185A (AN)R75C ∗ MCH185A (AN)010C ∗ MCH185A (AN)1R1C ∗ MCH185A (AN)1R2C ∗ MCH185A (AN)1R3C ∗ MCH185A (AN)1R5C ∗ MCH185A (AN)1R6C ∗ MCH185A (AN)1R8C ∗ MCH185A (AN)020C ∗ MCH185A (AN)2R2C ∗ MCH185A (AN)2R4C ∗ MCH185A (AN)2R7C ∗ MCH185A (AN)030C ∗ MCH185A (AN)3R3C ∗ MCH185A (AN)3R6C ∗ MCH185A (AN)3R9C ∗ MCH185A (AN)040C ∗ MCH185A (AN)4R3C ∗ MCH185A (AN)4R7C ∗ MCH185A (AN)050C ∗ MCH185A (AN)5R1D ∗ MCH185A (AN)5R6D ∗ MCH185A (AN)060D ∗ MCH185A (AN)6R2D ∗ MCH185A (AN)6R8D ∗ MCH185A (AN)070D ∗ MCH185A (AN)7R5D ∗ MCH185A (AN)080D ∗ MCH185A (AN)8R2D ∗ MCH185A (AN)090D ∗ MCH185A (AN)9R1D ∗ MCH185A (AN)100D ∗ MCH185A (AN)110J ∗ MCH185A (AN)120J ∗ MCH185A (AN)130J ∗ MCH185A (AN)150J ∗ MCH185A (AN)160J ∗ MCH185A (AN)180J ∗ MCH185A (AN)200J ∗ 0.5 0.75 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.0 4.3 4.7 5.0 5.1 5.6 6 6.2 6.8 7 7.5 8 8.2 9 9.1 10 11 12 13 15 16 18 20 Temperature Rated voltage(V) Capacitance(pF) 50V Product No. MCH185CN221K ∗ MCH185CN331K ∗ MCH185CN471K ∗ MCH185CN681K ∗ MCH185CN102K ∗ MCH185CN152K ∗ MCH185CN222K ∗ MCH185CN332K ∗ MCH185CN472K ∗ MCH185CN682K ∗ MCH185CN103K ∗ MCH185CN153K ∗ MCH185CN223K ∗ 25V Product No. CN (R) (B) (X7R)Characteristic MCH182CN333K ∗ MCH182CN473K ∗ MCH182CN683K ∗ MCH182CN104K ∗ CN (X5R)Characteristic 10V Product No. MCH184CN154K ∗ MCH184CN224K ∗ MCH184CN334K ∗ MCH184CN474K ∗ MCH184CN684K ∗ MCH184CN105K ∗ K (±10%) 220 330 470 680 1,000 1,500 2,200 3,300 4,700 6,800 10,000 15,000 22,000 33,000 47,000 68,000 100,000 150,000 220,000 330,000 470,000 680,000 1,000,000 Temperature Rated voltage(V) Capacitance(pF) 50V Product No. MCH185FN102Z ∗ MCH185FN222Z ∗ MCH185FN472Z ∗ MCH185FN103Z ∗ MCH185FN223Z ∗ MCH185FN473Z ∗ MCH185FN104Z ∗ 25V Product No. FN (F) (Y5V)Characteristic MCH182FN104Z ∗ 16V Product No. MCH183FN224Z ∗ 10V Product No. MCH184FN474Z ∗ MCH184FN105Z ∗ Z (+80%,−20%) 1,000 2,200 4,700 10,000 22,000 47,000 100,000 220,000 470,000 1,000,000 Temperature Rated voltage(V) Capacitance(pF) A ・AN(CG) (COG) (CH)Characteristic 50V Product No. MCH185A (AN)220J ∗ MCH185A (AN)240J ∗ MCH185A (AN)270J ∗ MCH185A (AN)300J ∗ MCH185A (AN)330J ∗ MCH185A (AN)360J ∗ MCH185A (AN)390J ∗ MCH185A (AN)430J ∗ MCH185A (AN)470J ∗ MCH185A (AN)510J ∗ MCH185A (AN)560J ∗ MCH185A (AN)620J ∗ MCH185A (AN)680J ∗ MCH185A (AN)750J ∗ MCH185A (AN)820J ∗ MCH185A (AN)910J ∗ MCH185A (AN)101J ∗ MCH185A (AN)111J ∗ MCH185A (AN)121J ∗ MCH185A (AN)131J ∗ MCH185A (AN)151J ∗ MCH185A (AN)161J ∗ MCH185A (AN)181J ∗ MCH185A (AN)201J ∗ MCH185A (AN)221J ∗ MCH185A (AN)241J ∗ MCH185A (AN)271J ∗ MCH185A (AN)301J ∗ MCH185A (AN)331J ∗ MCH185A (AN)361J ∗ MCH185A (AN)391J ∗ MCH185A (AN)431J ∗ MCH185A (AN)471J ∗ MCH185A (AN)511J ∗ MCH185A (AN)561J ∗ MCH185A (AN)621J ∗ MCH185A (AN)681J ∗ MCH185A (AN)751J ∗ MCH185A (AN)821J ∗ MCH185A (AN)102J ∗ J (±5%) 0.8 ±0.1 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 1,000 C (±0.25pF) D (±0.5pF) J (±5%) 0.8 ±0.1 0.8 ±0.1 0.8 ±0.1 Tolerance Product thickness(mm) Tolerance Product thickness(mm) Tolerance Product thickness(mm) Tolerance Product thickness(mm) 1608(0603)Size chip capacitors : MCH18 Quick Reference Product No. list External dimensions (Unit : mm) Production designation Miniture, light weight Achieved high capacitance by thin and multi layer technology Lead-free plating terminal No polarity The design and specifications are subject to change without prior notice. Before ordering or using, please check the latest technical specifications. For more detail information regarding temperature characteristic code and packaging style code, please check product destination. ● ● ● ● Range of thermal compensation capacitors Thermal compensation capacitors Range of high dielectric constant capacitors High dielectric constant capacitors Temperature Rated voltage(V) Product thickness(mm) Capacitance(pF) Capacitance tolerance Nominal capacitance series A,AN (CG) (C0G) (CH)Characteristic 50V 0.8 ± 0.1 0.5 ∼820、1,000 〈11pF 以上〉:J( ± 5%),〈0.5 ∼ 5pF〉:C( ± 0.25pF),〈5.1 ∼ 10pF〉:D( ± 0.5pF) E24 Packing style code K , L, C MCH18 Temperature Rated voltage(V) Product thickness(mm) Capacitance(pF) Capacitance tolerance Nominal capacitance series FN (F) (Y5V)Characteristic 0.8 ± 0.1 Z (+80%,−20%) E3 50V 1,000 ∼100,000 25V 100,000 16V 220,000 10V 470,000 ∼1,000,000 Packing style code K , L, C MCH18 Temperature Rated voltage(V) Product thickness(mm) Capacitance(pF) Capacitance tolerance Nominal capacitance series 50V 220 ∼22,000 CN(X5R)Characteristic 10V 150,000 ∼1,000,000 CN (R) (B) (X7R)Characteristic 25V 0.8 ± 0.1 33,000 ∼100,000 K (±10%) E6 Packing style code K , L, C MCH18 0.15Min. 0.4Min. 1.6 ±0.1 0.8 ±0.1 Rated voltage Part No. M C H 1 4 3 2 5 Code Packing Style 1 Temp. coefficient or percent change Operating temp. range(℃) Capacitance-temperature characteristics EIA code A,AN CN FN Code CG (C0G) CH R B (X5R) (X7R) F (Y5V) 8 2 −55∼+125 −55∼+125 −55∼+125 −25∼+ 85 (−55∼+ 85) (−55∼+125) −25∼+ 85 (−30∼+ 85) F 0 ±30ppm/℃ 0 ±60ppm/℃ ±15% ±10% (±15%) (±15%) +30%, −80% (+22%, −82%) 0 3 Code K L C Prduct thickness 0.8mm 0.8mm 0.8mm Packing specification Paper tape(width 8mm, pitch 4mm) Paper tape(width 8mm, pitch 4mm) Bulk case Reel φ180mm(7in.) φ330mm(13in.) ― Basic ordering unit(pcs.) 4,000 16,000 15,000 Z K 10V 16V 25V 50V Voltage Capacitance tolerance Code ±0.25pF(0.5∼5pF) ±0.5pF(5.1∼10pF) ±5%(11pF or more) ±10% +80%, −20% Tolerance C D J K Z N Reel(φ180,φ330mm):compatible with EIAJ ET-7200A Bulk case:compatible with EIAJ ET-7201A ×2 3-digit designation accordijg to IEC Nominal capacitance ∗ : Packaging Code ∗ : Packaging Code ∗ : Packaging Code |
Số phần tương tự - MCH185FN104JC |
|
Mô tả tương tự - MCH185FN104JC |