công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P-MUSB-E551-XX bảng dữ liệu(PDF) 1 Page - Amphenol Corporation

tên linh kiện P-MUSB-E551-XX
Giải thích chi tiết về linh kiện  DUST COVERS MAY BE ORDERED SEPARATELY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MUSB-E551-XX bảng dữ liệu(HTML) 1 Page - Amphenol Corporation

  P-MUSB-E551-XX Datasheet HTML 1Page - Amphenol Corporation P-MUSB-E551-XX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECOMMENDED TORQUE FOR PANEL MOUNT SCREWS: 0.23 TO 0.34 N.m (2.00 TO 3.00
8.
1=WITH GREY DUST COVER SUPPLIED
7.
4=NO DUST COVER SUPPLIED
5=WITH BLACK DUST COVER SUPPLIED
SERIES, RUGGED USB
0=NO DUST COVER SUPPLIED
SINGLE PORT, VERTICAL PCB TAILS
ORDERING CODE: M U S B - E 5 5 1 - X X
TO SUIT CUSTOMER REQUIREMENTS. CONSULT WITH
RECOMMENDED ENCLOSURE PANEL: 1.20 TO 2.50mm (.047 TO .098") THICK.
IN-LBS) FOR SCREWS WITH 2.50mm (.098") THREAD ENGAGEMENT.
AMPHENOL CANADA FOR DETAILS.
USB 'MINI-AB' RECEPTACLE,
NOTES:
MATERIAL:
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND
AMENDMENTS
OUTER SHELL: DIE CAST ZINC ALLOY, NICKEL PLATED
CONTACTS: PHOSPHOR BRONZE, PLATED WITH 0.76 MICRONS [30u"] GOLD OVER
1.27 MICRONS [50u"] MINIMUM NICKEL ON THE MATING AREA WITH GOLD FLASH
OVER NICKEL ON THE TAILS.
USB HOUSING: ENGINEERING THERMOPLASTIC, FLAMMABILITY RATING UL94V-0,
BLACK.
USB SHELL: COPPER ALLOY, NICKEL PLATED
GASKET: PORON WITH ADHESIVE BACKING.
DUST COVER: SILICONE RUBBER WITH NICKEL PLATED COPPER ALLOY BUSHING.
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL BETWEEN
2.
MATING AREA AND PCB SIDE OF CONNECTOR. GASKET PROVIDES SEAL TO INSIDE
FACE OF ENCLOSURE PANEL. AVAILABLE DUST COVER PROVIDES ADDED
PROTECTION. SEE SHEET 2 FOR APPLICATION VIEW.
CURRENT RATING: 1 AMPERE.
3.
CONTACT RESISTANCE: 50 MILLIOHMS MAXIMUM.
4.
OPERATING TEMPERATURE: -40 C TO +105 C.
5.
DUST COVERS MAY BE ORDERED SEPARATELY. SPECIFY
6.
MUSB-2E151-005BP FOR GREY DUST COVER
MUSB-2E151-015BP FOR BLACK DUST COVER
DUST COVER OPTION
SPECIAL CONNECTORS:
MANY UNIQUE FEATURES ARE READILY AVAILABLE
NOTE: THERE IS NO DIFFERENCE
BETWEEN DUST COVER OPTIONS '0' AND '4'
THREAD OPTION
0=#2-56 UNC THREAD
N=M2.5 X 0.45 THREAD (AMPHENOL STANDARD)
Q=M2 X 0.4 THREAD (AMPHENOL SPECIAL)
FEB20/09
K.LAMBIE
03554
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
FEB14/12
ANGULAR DEGREES
0.15
UNLESS SPECIFIED OTHERWISE
C
SHEET
2
C
SCALE:
REV
REF.
THIRD
OF
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
DWG. NO.
6
Amphenol Canada Corp.
REV
ANGLE
1
PCB TAIL, RoHS COMPLIANT
H.KIM
B
PRODUCT DRAWING (EAR 13750)
MAR21/11
REVISIONS
OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-MUSB-E551-XX
MUSB SERIES RUGGED MINI-AB USB
DRAWING
FEB20/09
1
2
1
5:1
C
EAR 13476
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
K.L.
DWG SIZE:
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
RECEPTACLE, VERTICAL MOUNT,
SECONDARY
REFERENCE IN PARENTHESES
SCALE
ENG. REL. NO.
K.L.
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
PRODUCT DRAWING (EAR 14052)
CONTACT
SEE ORDERING CODE THREAD OPTION
5.00 [.197] DEEP THREADED HOLES.
POSITION #1
CONTACT
POSITION #5
.421
REF
.787
20.00
.394
10.00
10.70
15.00
.591
DIE CAST SHELL
GASKET
MINI AB USB
RECEPTACLE
REF.
.748
9.20
GROUND TAILS
0.40 X 2.00
[.016 X 0.079]
7.30
.287
.362
[.016 X .010]
0.40 X 0.25
CONTACT TAILS
19.00
12.23
REF
.481
DUST COVER OPTIONAL
SEE ORDERING CODE
58.45 REF
2.301
9.20 REF
.362
6.20 REF
.244
HOLE
2.60
[.102]
MOUNTING
.208
5.28
.089±.010
2.50
.098
.087
2.20
.244
6.20
.118
3.00
2.25±0.25
5.70
.224


Số phần tương tự - P-MUSB-E551-XX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
P-MUSB-E151-XX AMPHENOL-P-MUSB-E151-XX Datasheet
83Kb / 2P
   USB HOUSING: ENGINEERING THERMOPLASTIC
More results

Mô tả tương tự - P-MUSB-E551-XX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
P-MUSBR-E151-XX AMPHENOL-P-MUSBR-E151-XX Datasheet
153Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-B551-XX AMPHENOL-P-MUSBR-B551-XX Datasheet
157Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-A311-XX AMPHENOL-P-MUSB-A311-XX Datasheet
123Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-A111-XX AMPHENOL-P-MUSBR-A111-XX Datasheet
175Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-E551-XX AMPHENOL-P-MUSBR-E551-XX Datasheet
156Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-B151-XX AMPHENOL-P-MUSBR-B151-XX Datasheet
155Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-BA51-XX AMPHENOL-P-MUSB-BA51-XX Datasheet
110Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-K152-XX AMPHENOL-P-MUSB-K152-XX Datasheet
83Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-A511-XX AMPHENOL-P-MUSBR-A511-XX Datasheet
190Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com