công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STOD1317BTPUR bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STOD1317BTPUR
Giải thích chi tiết về linh kiện  Very high efficiency at light load thanks to pulse skipping operation
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1317BTPUR bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STOD1317BTPUR Datasheet HTML 7Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 8Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 9Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 10Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 11Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 12Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 13Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 14Page - STMicroelectronics STOD1317BTPUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DocID022607 Rev 2
11/22
STOD1317B
Detailed description
6
Detailed description
The STOD1317B is a high efficiency DC-DC converter which integrates a step-up and LDO
power stage suitable for supplying AMOLED panels. Thanks to the high level of integration it
needs only 6 external components to operate and it achieves very high efficiency using a
synchronous rectification technique.
The controller uses an average current mode technique in order to obtain good stability and
precise voltage regulation in all possible conditions of input voltage, output voltage and
output current. In addition, the peak inductor current is monitored in order to avoid saturation
of the coils.
The STOD1317B implements a power saving technique in order to maintain high efficiency
at very light load and it switches to PWM operation as the load increases in order to
guarantee the best dynamic performances and low noise operation.
In order to guarantee very low ripple on the output voltage, the step-up output is filtered by
the LDO. There are two control loops; the LDO control loop regulates VOUT in order to
provide the right voltage to the output, while the boost control loop is internally set to provide
and output voltage 380 mV higher than VOUT in order to maintain the LDO in regulation at
the minimum possible drop.
The STOD1317B avoids battery leakage thanks to the true-shutdown feature and it is self
protected from overtemperature and short-circuit on the VOUT pin. Undervoltage lockout and
soft-start guarantee proper operation during startup.
6.1
BOOST multiple mode of operation
The boost DC-DC operates in three different modes: pulse skipping (PS), discontinuous
conduction mode (DCM) and continuous conduction mode (CCM). It switches automatically
between the three modes according to input voltage, output current and output voltage
conditions.
6.1.1
Pulse skipping operation
The STOD1317B works in pulse skipping mode when the load current is below some tens of
mA. The load current level at which this way of operation occurs depends on the input and
output voltage.
6.1.2
Discontinuous conduction mode
When the load increases above some tens of mA, the STOD1317B enters DCM operation.
In order to obtain this type of operation the controller must avoid the inductor current going
negative. The discontinuous mode detector (DMD) block senses the voltage across the
synchronous rectifier and turns off the switch when the voltage crosses a defined threshold
which, in turn, represents a certain current in the inductor. This current can vary according to
the slope of the inductor current which depends on input voltage, inductance value, and
output voltage.
6.1.3
Continuous conduction mode
At medium/high output loads the STOD1317B enters full CCM at constant switching
frequency mode.


Số phần tương tự - STOD1317BTPUR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STOD13A STMICROELECTRONICS-STOD13A Datasheet
928Kb / 24P
   250 mA dual DC-DC converter for powering AMOLED displays
STOD13AM STMICROELECTRONICS-STOD13AM Datasheet
755Kb / 25P
   Step-up and inverter converters
October 2012 Rev 1
STOD13AMTPUR STMICROELECTRONICS-STOD13AMTPUR Datasheet
755Kb / 25P
   Step-up and inverter converters
October 2012 Rev 1
STOD13AS STMICROELECTRONICS-STOD13AS Datasheet
694Kb / 25P
   Synchronous rectification for both DC-DC converters
January 2012 Rev 1
STOD13ASTPUR STMICROELECTRONICS-STOD13ASTPUR Datasheet
694Kb / 25P
   Synchronous rectification for both DC-DC converters
January 2012 Rev 1
More results

Mô tả tương tự - STOD1317BTPUR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wurth Elektronik GmbH &...
173010342 WURTH-173010342 Datasheet
1Mb / 24P
   Pulse skipping for high efficiency at light loads
logo
Bel Fuse Inc.
TET3600-48-104XA BEL-TET3600-48-104XA Datasheet
402Kb / 7P
   Very high efficiency, typ. 97% at half load
logo
Sanken electric
NR111E SANKEN-NR111E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR119E SANKEN-NR119E Datasheet
482Kb / 13P
   Light Load High Efficiency
NR111D SANKEN-NR111D Datasheet
712Kb / 14P
   Light Load High Efficiency
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR131A SANKEN-NR131A Datasheet
614Kb / 15P
   Ultra light load high efficiency
NR131S SANKEN-NR131S Datasheet
661Kb / 15P
   Ultra light load high efficiency
NR131D SANKEN-NR131D Datasheet
644Kb / 15P
   Ultra light load high efficiency
NR132A SANKEN-NR132A Datasheet
614Kb / 15P
   Ultra light load high efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com