công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA516BE bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện STA516BE
Giải thích chi tiết về linh kiện  500 W FFX digital amplifier power stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA516BE bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button STA516BE Datasheet HTML 2Page - STMicroelectronics STA516BE Datasheet HTML 3Page - STMicroelectronics STA516BE Datasheet HTML 4Page - STMicroelectronics STA516BE Datasheet HTML 5Page - STMicroelectronics STA516BE Datasheet HTML 6Page - STMicroelectronics STA516BE Datasheet HTML 7Page - STMicroelectronics STA516BE Datasheet HTML 8Page - STMicroelectronics STA516BE Datasheet HTML 9Page - STMicroelectronics STA516BE Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
STA516BE
3
Electrical characteristics
Table 3: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC_MAX
DC supply voltage (pins 4, 7, 12, 15)
65
V
Vmax
Maximum voltage on pins 23 to 32
5.5
V
Tj_MAX
Operating junction temperature
0 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
Stresses beyond those listed under “Absolute maximum ratings” make cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated
under “Recommended operating condition” are not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability. In
the real application, power supply with nominal value rated inside recommended
operating conditions, may experience some rising beyond the maximum operating
condition for short time when no or very low current is sinked (amplifier in mute
state). In this case the reliability of the device is guaranteed, provided that the
absolute maximum rating is not exceeded.
Table 4: Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Tj-case
Thermal resistance junction to case (thermal pad)
-
1
2.5
°C/W
Twarn
Thermal warning temperature
-
130
-
°C
TjSD
Thermal shut-down junction temperature
-
150
-
°C
thSD
Thermal shut-down hysteresis
-
25
-
°C
Table 5: Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage for pins PVCCA, PVCCB
10
-
60
V
Tamb
Ambient operating temperature
0
-
90
°C
Unless otherwise stated, the test conditions for Table 6: "Electrical characteristics " below
are VL = 3.3 V, VCC = 50 V and Tamb = 25 °C
Table 6: Electrical characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
RdsON
Power P-channel/N-
channel MOSFET RdsON
Idd = 1 A
-
190
240
Idss
Power P-channel/N-
channel leakage Idss
-
-
-
50
µA
gN
Power P-channel RdsON
matching
Idd = 1 A
95
-
-
%
6/20
DocID026166 Rev 1


Số phần tương tự - STA516BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B13TR STMICROELECTRONICS-STA516B13TR Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B STMICROELECTRONICS-STA516B_10 Datasheet
212Kb / 17P
   65-volt, 7.5-amp, quad power half bridge
More results

Mô tả tương tự - STA516BE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI-TAS5110A Datasheet
165Kb / 17P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI1-TAS5110A_16 Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com