công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P-U90-B205-XXX1-XX0 bảng dữ liệu(PDF) 1 Page - Amphenol Corporation

tên linh kiện P-U90-B205-XXX1-XX0
Giải thích chi tiết về linh kiện  GENERAL TOLERANCES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U90-B205-XXX1-XX0 bảng dữ liệu(HTML) 1 Page - Amphenol Corporation

  P-U90-B205-XXX1-XX0 Datasheet HTML 1Page - Amphenol Corporation P-U90-B205-XXX1-XX0 Datasheet HTML 2Page - Amphenol Corporation P-U90-B205-XXX1-XX0 Datasheet HTML 3Page - Amphenol Corporation P-U90-B205-XXX1-XX0 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART #
0
AMPHENOL PART NUMBER CONFIGURATION
OPTIONAL DUST COVER
(CAGE & CONNECTOR ASSEMBLY,
WITHOUT DUST COVER AND WITHOUT LIGHT PIPE)
5 = WITH RECTANGULAR VENT HOLES, NO EMI COVER
2 = WITH SMALL VENT HOLES & WITH EMI COVER
4 = WITH RECTANGULAR VENT HOLES & WITH EMI COVER
3 = WITH SMALL VENT HOLES, NO EMI COVER
2 = CHOMERICS S6305 CONDUCTIVE ELASTOMER
U90-B205-X061-X50
1 = CHOMERICS 1273 CONDUCTIVE ELASTOMER
EMI GASKET
1 = WITH LARGE VENT HOLES, NO EMI COVER
0 = WITH LAGE HOLES & WITH EMI COVER
VENT HOLES AND EMI COVER
RIGHT ARROW POINTING BOTTOM PORT
SHOWN
LEFT ARROW POINTING TOP PORT &
8 = WITH LIGHT PIPE (REVERSED DIRECTION)
7 = WITHOUT LIGHT PIPE
RIGHT ARROW POINTING TOP PORT
LEFT ARROW POINTING BOTTOM PORT &
6 = WITH LIGHT PIPE (TRIANGULAR OUTLET)
OPTIONAL LIGHT PIPES
SHOWN
(CAGE & CONNECTOR ASSEMBLY,
WITHOUT DUST COVER AND WITH LIGHT PIPE)
PART # U90-B205-X081-X10
(RoHS COMPLIANT PER RoHS DIRECTIVE 2011/65/EU; OPTION 4 ONLY)
EMI GASKET: CONDUCTIVE ELASTOMER
Ni PLATING FOR CAGE
EMI FINGERS: PHOSPHOR BRONZE WITH NICKEL PLATING
μm OF NICKEL ON PRESS FIT TAIL AREA.
0.381-1.52 μm OF MATTE TIN OVER 1.27-3.81
LIGHT PIPE: GE LEXAN, OPTICAL GRADE
ON MATING AREA
4 = 0.76 μm MIN. GOLD OVER 1.27-3.81 μm OF NICKEL
THIS IS A CAD DRAWING. DO NOT MANUALLY REVISE
Ni PLATING FOR CAGE
3.81-7.62 μm TIN/LEAD ON TERMINATION.
2. CONNECTOR AND CAGE ASSEMBLY IS RoHS COMPLIANT.
3 = 0.38 μm MIN. GOLD ON MATING AREA,
Ni PLATING FOR CAGE
3.81-7.62 μm TIN/LEAD ON TERMINATION.
2 = 0.76 μm MIN. GOLD ON MATING AREA,
-
CAGE & CONNECTOR CONTACT PLATING
X
(CAGE & CONNECTOR ASSEMBLY,
WITHOUT DUST COVER AND WITH LIGHT PIPE)
PART # U90-B205-X081-X30 SHOWN
(CAGE & CONNECTOR ASSEMBLY,
PART #
WITHOUT DUST COVER AND WITH LIGHT PIPE)
PLATING OPTION: SEE AMPHENOL PART NO CONFIGURATION
U90-B205-XD71-X30
X
D = WITH DUST COVER
0 = WITHOUT DUST COVER
PART #
SHOWN
(CAGE & CONNECTOR ASSEMBLY,
WITHOUT DUST COVER AND WITH LIGHT PIPE)
U90-B205-X061-X10
WITHOUT DUST COVER AND WITHOUT LIGHT PIPE)
(CAGE & CONNECTOR ASSEMBLY,
SHOWN
U90-B205-X071-X10
PART #
REFERENCE VIEW FOR OPTION 6 ONLY
WITHOUT DUST COVER AND WITH LIGHT PIPE)
PART # U90-B205-X071-X50 SHOWN
WITHOUT DUST COVER AND WITH LIGHT PIPE)
(CAGE & CONNECTOR ASSEMBLY,
SHOWN
U90-B205-X061-X30
PART #
WITH DUST COVER AND WITHOUT LIGHT PIPE)
1
(CAGE & CONNECTOR ASSEMBLY,
SHOWN
U 9 0 - B 2 0 5 - X X X
NOTES:
1. MATERIAL
CAGE-PRESS FIT: COPPER ALLOY, NICKEL PLATED
CONNECTOR-PRESS FIT: PLASTIC HOUSING,FLAMMABILITY RATING UL94 V-0.
CONTACTS : PHOSPHOR BRONZE
PART # U90-B205-X081-X50 SHOWN
(CAGE & CONNECTOR ASSEMBLY,
REFERENCE VIEW FOR OPTION 8 ONLY
DEC 3/12
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
RoHS DIRECTIVE ADDED
F
E
4
F
SCALE:
REV
DWG. NO.
6
OF
A Division of Amphenol Corp. www.amphenol-highspeed.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol High Speed Interconnects
OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-U90-B205-XXX1-XX0
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
COMBO
M.HASAN
A
PROPOSAL DRAWING
JUL 06/11
ZLJ
DWG SIZE:
QSFP+ 2X2 STACKED
1
DRAWING
TBA
JUL 06/11
JUL 04/11
ZLJ
TBD
03554
2:1
X
ECN EXXXXX
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
MILLIMETERS
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
SHEET
HEAT SINK OPTION REMOVED
ANGLE
SEP 12/12
THIRD
X.X
0.5
1
0.13
0.XX
4. ANGULAR DEGREES
2. DECIMAL PLACES
3. ANGULAR DEGREES
0.25
ZLJ
JAN 24/12
OTHER CONFIGURATION ADDED
B
ZLJ
FEB 09/12
HEAT SINK CONFIGURATION ADDED
C
DZLJ
MAY 17/12
AHSI DESIGNATION ADDED
ZLJ
X
GENERAL TOLERANCES
1. DECIMAL PLACE
0.X
ZLJ
OPTIONAL DUST COVER
P/N U90-1401-8000-BP
(SHIPPED LOOSE)


Số phần tương tự - P-U90-B205-XXX1-XX0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
P-U90-B105-XXX1-XX0 AMPHENOL-P-U90-B105-XXX1-XX0 Datasheet
476Kb / 4P
   GENERAL TOLERANCES
P-U90-B305-XXX1-XX0 AMPHENOL-P-U90-B305-XXX1-XX0 Datasheet
683Kb / 4P
   GENERAL TOLERANCES
More results

Mô tả tương tự - P-U90-B205-XXX1-XX0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CITIZEN ELECTRONICS CO....
516-A00070 CITIZEN-516-A00070 Datasheet
484Kb / 4P
   General tolerances
516-A00060 CITIZEN-516-A00060 Datasheet
483Kb / 4P
   General tolerances
914-A00680 CITIZEN-914-A00680 Datasheet
490Kb / 4P
   General tolerances
logo
Amphenol Corporation
P-U90-B105-XXX1-XX0 AMPHENOL-P-U90-B105-XXX1-XX0 Datasheet
476Kb / 4P
   GENERAL TOLERANCES
P-U90-B305-XXX1-XX0 AMPHENOL-P-U90-B305-XXX1-XX0 Datasheet
683Kb / 4P
   GENERAL TOLERANCES
logo
Vishay Siliconix
TLHR640 VISHAY-TLHR640 Datasheet
198Kb / 8P
   Small mechanical tolerances
Rev. 2.0, 16-Mar-15
TLHK44R1S2 VISHAY-TLHK44R1S2 Datasheet
110Kb / 5P
   Small mechanical tolerances
Rev. 1.2, 14-Oct-14
TLHF4400 VISHAY-TLHF4400 Datasheet
107Kb / 5P
   Small mechanical tolerances
Rev. 1.2, 14-Oct-14
TLHK42T1U2 VISHAY-TLHK42T1U2 Datasheet
117Kb / 5P
   Small mechanical tolerances
Rev. 1.3, 14-Oct-14
logo
XFMRS Inc.
XFVOIP-03Q XFMRS-XFVOIP-03Q_11 Datasheet
116Kb / 1P
   UNLESS OTHERWISE SPECIFIED TOLERANCES
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com