công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

935H2W2K-F bảng dữ liệu(PDF) 1 Page - Cornell Dubilier Electronics

tên linh kiện 935H2W2K-F
Giải thích chi tiết về linh kiện  High Current Capacitors for Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CDE [Cornell Dubilier Electronics]
Trang chủ  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

935H2W2K-F bảng dữ liệu(HTML) 1 Page - Cornell Dubilier Electronics

  935H2W2K-F Datasheet HTML 1Page - Cornell Dubilier Electronics 935H2W2K-F Datasheet HTML 2Page - Cornell Dubilier Electronics 935H2W2K-F Datasheet HTML 3Page - Cornell Dubilier Electronics 935H2W2K-F Datasheet HTML 4Page - Cornell Dubilier Electronics 935H2W2K-F Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
L
1.5 mm
41 mm
Min
41 mm
Min
d
D
Max
L
1.98 mm
L1
1.57 mm
7.93 mm
Min
9.144
1.3 mm
3.96
1.3 mm
D
Max
0.8
0.05 mm
Type 935C, Polypropylene Capacitors for High Frequency Filtering
High Current Capacitors for Switching Power Supplies
Type 935 metallized polypropylene capacitors are designed for
filtering applications in switching power supplies that operate
in the 20-100 kHz range. Their low ESR, high current and high
capacitance gives them an advantage over general purpose types.
This series is UL recognized for construction only under UL File
Number E128034(N).
Highlights
- Low ESR
- High current
- High capacitance
- Self healing
- UL recognized
- Available with lugs
Specifications
Dimensions
Construction Details
Case Material
UL510 Polyester Tape Wrap
Resin Material
UL94V-0 Epoxy Fill
Terminal Material Tin Plated Copper
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Capacitance Range
1.0 to 30.0 µF
Capacitance Tolerance
±10 % (K) Standard; ±5% (J) Optional
Rated Voltage
100 to 400 Vdc (70 to 250 Vac, 60 Hz)
Operating Temperature Range
–55 ºC to 105 ºC*
*Full rated voltage at 85 ºC - derated linearly to 50% rated at 105 ºC
Maximum rms Current
Check tables for values
Insulation Resistance
200,000 MΩ x µF
Test Voltage between Terminals @ 25 ºC
200% rated DC voltage for 60 s
Test Voltage between Terminals & Case @ 25 ºC
3 kVac @ 50/60 Hz for 60 s
Life Test
1,000 h @ 85 ºC, 150% rated DC voltage
Life Expectancy
60,000 h @ rated Vdc, 70 ºC
30,000 h @ rated Vac, 70 ºC
RoHS Compliant
Construction Diagram
3.96


Số phần tương tự - 935H2W2K-F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cornell Dubilier Electr...
935H2W2K-F CDE-935H2W2K-F Datasheet
211Kb / 2P
   Type 935 Axial Leaded Metallized Polypropylene Film Capacitors
935H2W2K-F CDE-935H2W2K-F Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
More results

Mô tả tương tự - 935H2W2K-F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
B&K Precision Corporati...
1693 BK-1693 Datasheet
2Mb / 3P
   High Current Switching DC Power Supplies
logo
Cornell Dubilier Electr...
DPM2S1K-F CDE-DPM2S1K-F Datasheet
264Kb / 2P
   Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
DPM CDE-DPM Datasheet
264Kb / 3P
   Great for High Frequency Switching Power Supplies
SLP CDE-SLP Datasheet
369Kb / 9P
   Best for switching power supplies
logo
Allegro MicroSystems
STR-A60XXM ALLEGRO-STR-A60XXM Datasheet
403Kb / 14P
   Current Mode Control PWM Regulator IC For Switching Power Supplies
logo
Sanken electric
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
STR2W152D SANKEN-STR2W152D Datasheet
188Kb / 9P
   Current Mode Control PWM Regulator ICs For Switching Power Supplies
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com