công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2377UTM bảng dữ liệu(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2377UTM
Giải thích chi tiết về linh kiện  PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2377UTM bảng dữ liệu(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2377UTM Datasheet HTML 7Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 8Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 9Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 10Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 11Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 12Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 13Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 14Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Electrical Characteristics (Continued)
V
CC =VP Main = VP Aux = Vµc = 3.0V, −40˚C
≤ T
A
≤ +85˚C, unless otherwise specified
Symbol
Parameter
Conditions
Value
Units
Min
Typ
Max
PHASE NOISE CHARACTERISTICS
L
N(f) Main
Main Synthesizer Normalized Phase
Noise Contribution
(Note 10)
TCXO Reference Source
ID
o Main Bit = 1
-212.0
dBc/
Hz
L(f) Main
Main Synthesizer Single Side Band
Phase Noise Measured
f
IN Main = 2450 MHz
f = 1 kHz Offset
FφMain = 200 kHz
Loop Bandwidth = 7.5 kHz
N = 12250
F
OSC =10MHz
V
OSC = 0.632 VPP
ID
o Main Bit = 1
PWDN Aux Bit = 1
T
A = 25˚C
(Note 11)
-77.24
dBc/
Hz
L
N(f) Aux
Aux Synthesizer Normalized Phase
Noise Contribution
(Note 10)
TCXO Reference Source
ID
o Aux Bit = 1
-212.0
dBc/
Hz
L(f) Aux
Aux Synthesizer Single Side Band
Phase Noise Measured
f
IN Aux = 900 MHz
f = 1 kHz Offset
FφAux = 200 kHz
Loop Bandwidth = 12 kHz
N = 4500
F
OSC =10MHz
V
OSC = 0.632 VPP
ID
o Aux Bit = 1
PWDN Main Bit = 1
T
A = 25˚C
(Note 11)
-85.94
dBc/
Hz
Note 4: Some of the values in this range are illegal divide ratios (B < A). To obtain continuous legal division, the Minimum Divide Ratio must be calculated. Use N
≥ P * (P−1), where P is the value of the prescaler selected.
Note 5: Refer to the LMX2377U fIN Sensitivity Test Setup section
Note 6: Refer to the LMX2377U Charge Pump Test Setup section
Note 7: Refer to the Charge Pump Current Specification Definitions for details on how these measurements are made.
Note 8: Refer to the LMX2377U OSCin Sensitivity Test Setup section
Note 9: Refer to the LMX2377U Serial Data Input Timing section
Note 10: Normalized Phase Noise Contribution is defined as : LN(f) = L(f) − 20 log (N) − 10 log (Fφ), where L(f) is defined as the single side band phase noise
measured at an offset frequency, f, ina1Hz bandwidth. The offset frequency, f, must be chosen sufficiently smaller than the PLL’s loop bandwidth, yet large enough
to avoid substantial phase noise contribution from the reference source. N is the value selected for the feedback divider and Fφ is the Main/Aux phase detector
comparison frequency..
Note 11: The synthesizer phase noise is measured with the LMX2370TMEB/LMX2370SLBEB/LMX2370SLEEB Evaluation boards and the HP8566B Spectrum
Analyzer.
www.national.com
11


Số phần tương tự - LMX2377UTM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370SLBX NSC-LMX2370SLBX Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370TM NSC-LMX2370TM Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370TMX NSC-LMX2370TMX Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2371SLBX NSC-LMX2371SLBX Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2377UTM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com