công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2377UTM bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMX2377UTM
Giải thích chi tiết về linh kiện  PLLatinum??Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2377UTM bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  LMX2377UTM Datasheet HTML 1Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 2Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 3Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 4Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 5Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 6Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 7Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 8Page - National Semiconductor (TI) LMX2377UTM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Connection Diagrams
Thin Shrink Small Outline Package (TM)
(Top View)
Chip Scale Package (SLB)
(Top View)
20022602
20022603
Ultra Thin Chip Scale Package (SLE)
(Top View)
20022696
Pin Descriptions
Pin
Name
Pin No.
20-Pin UTCSP
Pin No.
24-Pin CSP
Pin No.
20-Pin
TSSOP
I/O
Description
V
CC
20
24
1
Power supply bias for the Main PLL analog and digital circuits. V
CC
may range from 2.7V to 5.5V. Bypass capacitors should be placed
as close as possible to this pin and be connected directly to the
ground plane.
V
P Main
1
2
2
Main PLL charge pump power supply. Must be
≥ V
CC.
D
o Main
2
3
3
O
Main PLL charge pump output. The output is connected to the
external loop filter, which drives the input of the VCO.
GND
3
4
4
Ground for the Main PLL digital circuitry.
f
IN Main
4
5
5
I
Main PLL prescaler input. Small signal input from the VCO.
www.national.com
3


Số phần tương tự - LMX2377UTM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370SLBX NSC-LMX2370SLBX Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370TM NSC-LMX2370TM Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370TMX NSC-LMX2370TMX Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2371SLBX NSC-LMX2371SLBX Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results

Mô tả tương tự - LMX2377UTM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2335U NSC-LMX2335U Datasheet
3Mb / 48P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2332U NSC-LMX2332U Datasheet
3Mb / 42P
   PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com